Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOTF2618L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF2618L
Description  60V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF2618L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF2618L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF2618L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF2618L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF2618L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF2618L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF2618L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF2618L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOT2618L/AOB2618L/AOTF2618L
Symbol
Min
Typ
Max
Units
BVDSS
60
V
VDS=60V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.4
1.95
2.5
V
ID(ON)
70
A
15.8
19
TJ=125°C
29.3
35.5
19.5
25
m
Ω
gFS
45
S
VSD
0.72
1
V
IS
23
A
Ciss
950
pF
Coss
108
pF
Crss
7
pF
Rg
1
2
3
Ω
Qg(10V)
14
20
nC
Qg(4.5V)
6
10
nC
Qgs
3
nC
Qgd
1.6
nC
tD(on)
7.5
ns
t
31
ns
V
=10V, V =30V, R =1.5
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=10V, VDS=30V, ID=20A
Turn-On DelayTime
Total Gate Charge
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Total Gate Charge
Forward Transconductance
Turn-On Rise Time
IS=1A,VGS=0V
VDS=5V, ID=20A
Diode Forward Voltage
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS=0V, VDS=30V, f=1MHz
DYNAMIC PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
µA
Zero Gate Voltage Drain Current
m
Ω
On state drain current
VGS=10V, VDS=5V
VGS=10V, ID=20A
Gate-Body leakage current
VDS=VGS,ID=250µA
VDS=0V, VGS=±20V
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=20A
tr
31
ns
tD(off)
18
ns
tf
40
ns
trr
20
ns
Qrr
70
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
IF=20A, dI/dt=500A/µs
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
VGS=10V, VDS=30V, RL=1.5Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On Rise Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application
depends on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink,
assuming a maximum junction temperature of T
J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current limited by package.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0 : July 2012
www.aosmd.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com