Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8542ARM-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8542ARM-R2
Description  General Purpose CMOS Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8542ARM-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8542ARM-R2 Datasheet HTML 3Page - Analog Devices AD8542ARM-R2 Datasheet HTML 4Page - Analog Devices AD8542ARM-R2 Datasheet HTML 5Page - Analog Devices AD8542ARM-R2 Datasheet HTML 6Page - Analog Devices AD8542ARM-R2 Datasheet HTML 7Page - Analog Devices AD8542ARM-R2 Datasheet HTML 8Page - Analog Devices AD8542ARM-R2 Datasheet HTML 9Page - Analog Devices AD8542ARM-R2 Datasheet HTML 10Page - Analog Devices AD8542ARM-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8541/AD8542/AD8544
–7–
REV. D
CAPACITANCE – pF
60
0
10
100
10k
1k
30
20
10
40
VS = 2.7V
RL = 10k
TA = 25 C
50
+OS
OS
TPC 10. Small Signal Overshoot vs.
Load Capacitance
500mV
10 s
1.35V
VS = 2.7V
RL = 2k
AV = 1
TA = 25 C
TPC 13. Large Signal Transient
Response
FREQUENCY – Hz
1k
10k
10M
100k
1M
60
50
40
30
20
VS = 5V
TA = 25 C
10
0
10
70
80
90
TPC 16. Common-Mode Rejection
Ratio vs. Frequency
CAPACITANCE – pF
60
0
10
100
10k
1k
30
20
10
40
VS = 2.7V
RL = 2k
TA = 25 C
50
+OS
OS
TPC 11. Small Signal Overshoot
vs. Load Capacitance
FREQUENCY – Hz
1k
10k
10M
100k
1M
80
60
40
20
0
45
90
135
180
VS = 2.7V
RL = NO LOAD
TA = 25 C
TPC 14. Open-Loop Gain and
Phase vs. Frequency
LOAD CURRENT – mA
10k
100
0.01
0.001
0.01
100
0.1
1
10
1
SINK
0.1
10
VS = 5V
TA = 25 C
1k
SOURCE
TPC 17. Output Voltage to Supply
Rail vs. Frequency
50mV
10 s
1.35V
VS = 2.7V
RL = 100kV
CL = 300pF
AV = 1
TA = 25 C
TPC 12. Small Signal Transient
Response
FREQUENCY – Hz
100
1k
10M
10k
100k
1M
160
140
40
120
100
80
60
40
20
0
20
VS = 5V
TA = 25 C
+PSRR
PSRR
TPC 15. Power Supply Rejection
Ratio vs. Frequency
FREQUENCY – Hz
3.0
2.5
0
1k
10k
10M
100k
1M
2.0
1.5
0.5
1.0
VS = 5V
VIN = 4.9V p-p
RL = NO LOAD
TA = 25 C
4.0
3.5
5.0
4.5
TPC 18. Closed-Loop Output
Voltage Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com