Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9002 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9002
Description  High Speed 8-Bit Monolithic A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9002 Datasheet(HTML) 2 Page - Analog Devices

  AD9002 Datasheet HTML 1Page - Analog Devices AD9002 Datasheet HTML 2Page - Analog Devices AD9002 Datasheet HTML 3Page - Analog Devices AD9002 Datasheet HTML 4Page - Analog Devices AD9002 Datasheet HTML 5Page - Analog Devices AD9002 Datasheet HTML 6Page - Analog Devices AD9002 Datasheet HTML 7Page - Analog Devices AD9002 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS (–V
S = –5.2 V; Differential Reference Voltage = 2.0 V; unless otherwise noted)
AD9002AD/AJ
AD9002BD/BJ
AD9002SD/SE
AD9002TD/TE
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
8
8
Bits
DC ACCURACY
Differential Linearity
+25
°C
0.6
0.75
0.4
0.5
0.6
0.75
0.4
0.5
LSB
Full
1.0
0.75
1.0
0.75
LSB
Integral Linearity
+25
°C
0.6
1.0
0.4
0.5
0.6
1.0
0.4
0.5
LSB
Full
1.2
1.2
1.2
1.2
LSB
No Missing Codes
Full
GUARANTEED
GUARANTEED
GUARANTEED
GUARANTEED
INITIAL OFFSET ERROR
Top of Reference Ladder
+25
°C
8
14
8
14
8
14
8
14
mV
Full
17
17
17
17
mV
Bottom of Reference Ladder
+25
°C
4
10
4
10
4
10
4
10
mV
Full
12
12
12
12
mV
Offset Drift Coefficient
Full
20
20
20
20
µV/°C
ANALOG INPUT
Input Bias Current1
+25
°C
60
200
60
200
60
200
60
200
µA
Full
200
200
200
200
µA
Input Resistance
+25
°C
25
200
25
200
25
200
25
200
k
Ω
Input Capacitance
+25
°C
1722
1722
1722
1722
pF
Large Signal Bandwidth2
+25
°C
160
160
160
160
MHz
Input Slew Rate3
+25
°C
440
440
440
440
V/
µs
REFERENCE INPUT
Reference Ladder Resistance
+25
°C
40
80
110
40
80
110
40
80
110
40
80
110
Ω
Ladder Temperature Coefficient
0.25
0.25
0.25
0.25
Ω/°C
Reference Input Bandwidth
+25
°C
10
101010
MHz
DYNAMIC PERFORMANCE
Conversion Rate
+25
°C
125
150
125
150
125
150
125
150
MSPS
Aperture Delay
+25
°C
1.3
1.3
1.3
1.3
ns
Aperture Uncertainty (Jitter)
+25
°C
15
151515
ps
Output Delay (tPD)
4, 5
+25
°C
2.5
3.7
5.5
2.5
3.7
5.5
2.5
3.7
5.5
2.5
3.7
5.5
ns
Transient Response6
+25
°C
6
666
ns
Overvoltage Recovery Time7
+25
°C
6
666
ns
Output Rise Time4
+25
°C
3.0
3.0
3.0
3.0
ns
Output Fall Time4
+25
°C
2.5
2.5
2.5
2.5
ns
Output Time Skew4, 8
+25
°C
0.6
0.6
0.6
0.6
ns
ENCODE INPUT
Logic “1” Voltage4
Full
–1.1
–1.1
–1.1
–1.1
V
Logic “0” Voltage4
Full
–1.5
–1.5
–1.5
–1.5
V
Logic “1” Current
Full
150
150
150
150
µA
Logic “0” Current
Full
120
120
120
120
µA
Input Capacitance
+25
°C
3
333
pF
Encode Pulsewidth (Low)9
+25
°C
1.5
1.5
1.5
1.5
ns
Encode Pulsewidth (High)9
+25
°C
1.5
1.5
1.5
1.5
ns
OVERFLOW INHIBIT INPUT
0 V Input Current
Full
144
300
144
300
144
300
144
300
µA
AC LINEARITY10
Effective Bits11
+25
°C
7.6
7.6
7.6
7.6
Bits
In-Band Harmonics
dc to 1.23 MHz
+25
°C
4855
4855
4855
4855
dB
dc to 9.3 MHz
+25
°C
50
505050
dB
dc to 19.3 MHz
+25
°C
44
444444
dB
Signal-to-Noise Ratio12
+25
°C
46
47.6
46
47.6
46
47.6
46
47.6
dB
Two Tone Intermod Rejection13
+25
°C
60
606060
dB
DIGITAL OUTPUTS4
Logic “1” Voltage
Full
–1.1
–1.1
–1.1
–1.1
V
Logic “0” Voltage
Full
–1.5
–1.5
–1.5
–1.5
V
POWER SUPPLY
14
Supply Current (–5.2 V)
+25
°C
145
175
145
175
145
175
145
175
mA
Full
200
200
200
200
mA
Nominal Power Dissipation
+25
°C
750
750
750
750
mW
Reference Ladder Dissipation
+25
°C
50
505050
mW
Power Supply Rejection Ratio15
+25
°C
0.8
1.5
0.8
1.5
0.8
1.5
0.8
1.5
mV/V
REV. D
–2–
AD9002–SPECIFICATIONS
NOTES
1Measured with AIN = 0 V.
2Measured by FFT analysis where fundamental is –3 dBc.
3Input slew rate derived from rise time (10 to 90%) of full scale input.
40utputs terminated through 100
Ω to –2 V.
5Measured from ENCODE in to data out for LSB only.
6For full-scale step input, 8-bit accuracy is attained in specified time.
7Recovers to 8-bit accuracy in specified time after 150% full-scale input overvoltage.
8Output time skew includes high-to-low and low-to-high transitions as well as
bit-to-bit time skew differences.
9ENCODE signal rise/fall times should be less than 10 ns for normal operation.
10Measured at 125 MSPS encode rate.
11Analog input frequency = 1.23 MHz.
12RMS signal to rms noise, with 1.23 MHz analog input signal.
13Input signals 1 V p-p @ 1.23 MHz and 1 V p-p @ 2.30 MHz.
14Supplies should remain stable within
± 5% for normal operation.
15Measured at –5.2 V
± 5%.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com