Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9012 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9012
Description  High Speed 8-Bit TTL A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9012 Datasheet(HTML) 2 Page - Analog Devices

  AD9012 Datasheet HTML 1Page - Analog Devices AD9012 Datasheet HTML 2Page - Analog Devices AD9012 Datasheet HTML 3Page - Analog Devices AD9012 Datasheet HTML 4Page - Analog Devices AD9012 Datasheet HTML 5Page - Analog Devices AD9012 Datasheet HTML 6Page - Analog Devices AD9012 Datasheet HTML 7Page - Analog Devices AD9012 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. D
–2–
AD9012–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (+V
S = +5.0 V; –VS = –5.2 V; Differential Reference Voltage = 2.0 V; unless otherwise noted)
Test
AD9012AQ/AJ
AD9012BQ/BJ
AD9012SQ/SE
AD9012TQ/TE
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
8
8
8
8
Bits
DC ACCURACY
Differential Linearity
+25
°C
I
0.6
0.75
0.4
0.5
0.6
0.75
0.4
0.5
LSB
Full
VI
1.0
0.75
1.0
0.75
LSB
Integral Linearity
+25
°C
I
0.6
1.0
0.4
0.5
0.6
1.0
0.4
0.5
LSB
Full
VI
1.2
1.2
1.2
1.2
LSB
No Missing Codes
Full
VI
GUARANTEED
GUARANTEED
GUARANTEED
GUARANTEED
INITIAL OFFSET ERROR
Top of Reference Ladder
+25
°C
I
7
15
7
15
7
15
7
15
mV
Full
VI
18
18
18
18
mV
Bottom of Reference Ladder
+25
°C
I
6
10
6
10
6
10
6
10
mV
Full
VI
13
13
13
13
mV
Offset Drift Coefficient
Full
V
25
25
25
25
µV/°C
ANALOG INPUT
Input Bias Current1
+25
°C
I
60
200
60
200
60
200
60
200
µA
Full
VI
200
200
200
200
µA
Input Resistance
+25
°C
I
25
200
25
200
25
200
25
200
k
Input Capacitance
+25
°C
III
16
18
16
18
16
18
16
18
pF
Large Signal Bandwidth2
+25
°C
V
160
160
160
160
MHz
Analog Input Slew Rate3
+25
°C
V
440
440
440
440
V/
µs
REFERENCE INPUT
Reference Ladder Resistance
+25
°C
VI
40
80
110
40
80
110
40
80
110
40
80
110
Ladder Temperature Coefficient
V
0.25
0.25
0.25
0.25
Ω/°C
Reference Input Bandwidth
+25
°C
V
10
10
10
10
MHz
DYNAMIC PERFORMANCE
Conversion Rate
+25
°C
I
75
100
75
100
75
100
75
100
MSPS
Aperture Delay
+25
°C
V
3.8
3.8
3.8
3.8
ns
Aperture Uncertainty (Jitter)
+25
°C
V
15
15
15
15
ps
Output Delay (tPD)
4, 5
+25
°C
I
4
4.9
11
4
4.9
11
4
4.9
11
4
4.9
11
ns
Transient Response
6
+25
°CV
8
8
8
8
ns
Overvoltage Recovery Time
7
+25
°CV
8
8
8
8
ns
Output Rise Time
4
+25
°C
I
6.6
8.0
6.6
8.0
6.6
8.0
6.6
8.0
ns
Output Fall Time
4
+25
°C
I
3.3
4.3
3.3
4.3
3.3
4.3
3.3
4.3
ns
Output Time Skew
4, 8
+25
°C
V
3.0
3.0
3.0
3.0
ns
ENCODE INPUT
Logic “1” Voltage
4
Full
VI
2.0
2.0
2.0
2.0
V
Logic “0” Voltage
4
Full
VI
0.8
0.8
0.8
0.8
V
Logic “1” Current
Full
VI
250
250
250
250
µA
Logic “0” Current
Full
VI
400
400
400
400
µA
Input Capacitance
+25
°C
V
2.5
2.5
2.5
2.5
pF
Encode Pulsewidth (Low)
9
+25
°C
I
2.5
2.5
2.5
2.5
ns
Encode Pulsewidth (High)
9
+25
°C
I
2.5
2.5
2.5
2.5
ns
OVERFLOW INHIBIT INPUT
0 V Input Current
Full
VI
200
250
200
250
200
250
200
250
µA
AC LINEARITY
10
Effective Bits
11
+25
°C
V
7.5
7.5
7.5
7.5
Bits
In-Band Harmonics
dc to 1.23 MHz
+25
°C
I
48
55
48
55
48
55
48
55
dBc
dc to 9.3 MHz
+25
°C
V
50
50
50
50
dBc
dc to 19.3 MHz
+25
°C
V
44
44
44
44
dBc
Signal-to-Noise Ratio
12
+25
°C
I
46
47.6
46
47.6
46
47.6
46
47.6
dBc
Noise Power Ratio
13
+25
°C
V
37
37
37
37
dBc
DIGITAL OUTPUT
Logic “1” Voltage
Full
VI
2.4
2.4
2.4
2.4
V
Logic “0” Voltage
Full
VI
0.4
0.4
0.4
0.4
V
POWER SUPPLY
14
Positive Supply Current (+5.0 V) +25
°C
I
33
45
33
45
33
45
33
45
mA
Full
VI
48
48
48
48
mA
Supply Current (–5.2 V)
+25
°C
I
152
179
152
179
152
179
152
179
mA
Full
VI
191
191
191
191
mA
Nominal Power Dissipation
+25
°C
V
955
955
955
955
mW
Reference Ladder Dissipation
+25
°C
V
44
44
44
44
mW
Power Supply Rejection Ratio
15
+25
°C
I
0.85
2.5
0.85
2.5
0.8
2.5
0.8
2.5
mV/V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com