Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9012SE Datasheet(PDF) 3 Page - Analog Devices

Part # AD9012SE
Description  High Speed 8-Bit TTL A/D Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9012SE Datasheet(HTML) 3 Page - Analog Devices

  AD9012SE Datasheet HTML 1Page - Analog Devices AD9012SE Datasheet HTML 2Page - Analog Devices AD9012SE Datasheet HTML 3Page - Analog Devices AD9012SE Datasheet HTML 4Page - Analog Devices AD9012SE Datasheet HTML 5Page - Analog Devices AD9012SE Datasheet HTML 6Page - Analog Devices AD9012SE Datasheet HTML 7Page - Analog Devices AD9012SE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. D
–3–
AD9012
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9012 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
NOTES
1Measured with Analog Input = 0 V.
2Measured by FFT analysis where fundamental is –3 dBc.
3Input slew rate derived from rise time (10% to 90%) of full-scale step input.
4Outputs terminated with two equivalent ’LS00 type loads. (See load circuit.)
5Measured from ENCODE into data out for LSB only.
6For full-scale step input, 8-bit accuracy is attained in specified time.
7Recovers to 8-bit accuracy in specified time, after 150% full-scale input overvoltage.
8Output time skew includes high-to-low and low-to-high transitions as well as
bit-to-bit time skew differences.
9ENCODE signal rise/fall times should be less than 30 ns for normal operation.
10Measured at 75 MSPS encode rate. Harmonic data based on worst case harmonics.
11Analog input frequency = 1.23 MHz.
12RMS signal to rms noise, including harmonics with 1.23 MHz. analog input
signal.
13NPR measured @ 0.5 MHz. Noise Source is 250 mW (rms) from 0.5 MHz
to 8 MHz.
14Supplies should remain stable within
±5% for normal operation.
15Measured at –5.2 V
± 5% and +5.0 V ± 5%.
Specifications subject to change without notice.
ORDERING GUIDE
Temperature
Package
Device
Linearity
Ranges
Options*
AD9012AQ
0.75 LSB
–25
°C to +85°C
Q-28
AD9012BQ
0.50 LSB
–25
°C to +85°C
Q-28
AD9012AJ
0.75 LSB
–25
°C to +85°C
J-28A
AD9012BJ
0.50 LSB
–25
°C to +85°C
J-28A
AD9012SQ
0.75 LSB
–55
°C to +125°C
Q-28
AD9012SE
0.75 LSB
–55
°C to +125°C
E-28A
AD9012TQ
0.50 LSB
–55
°C to +125°C
Q-28
AD9012TE
0.50 LSB
–55
°C to +125°C
E-28A
*E = Leadless Ceramic Chip Carrier; J = Ceramic Leaded Chip Carrier;
Q = Cerdip.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III – Sample tested only.
IV – Parameter is guaranteed by design and characterization
testing.
V – Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for extended
temperature devices; guaranteed by design and
characterization testing for industrial devices.
ABSOLUTE MAXIMUM RATINGS
1
Positive Supply Voltage (+VS) . . . . . . . . . . . . . . . . . . . . . +6 V
Analog to Digital Supply Voltage Differential (–VS) . . . . 0.5 V
Negative Supply Voltage (–VS) . . . . . . . . . . . . . . . . . . . . –6 V
Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . –VS to +0.5 V
ENCODE Input Voltage . . . . . . . . . . . . . . . . . –0.5 V to +5 V
OVERFLOW INH Input Voltage . . . . . . . . . . . –5.2 V to 0 V
Reference Input Voltage (+VREF –VREF)
2
. . . . –3.5 V to +0.1 V
Differential Reference Voltage . . . . . . . . . . . . . . . . . . . . . 2.1 V
Reference Midpoint Current . . . . . . . . . . . . . . . . . . . .
±4 mA
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Operating Temperature Range
AD9012AQ/BQ/AJ/BJ . . . . . . . . . . . . . . . . –25
°C to +85°C
AD9012SE/SQ/TE/TQ . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature3 . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . +300
°C
NOTES
1Absolute maximum ratings are limiting values, to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability.
2+V
REF ≥ –VREF under all circumstances.
3Maximum junction temperature (t
J max) should not exceed +175°C for ceramic
packages, and +150
°C for plastic packages:
tJ = PD (θJA) + tA
PD (
θ
JC) + tc
where
PD = power dissipation
θ
JA = thermal impedance from junction to ambient ( °C/W)
θ
JC = thermal impedance from junction to case ( °C/W)
tA = ambient temperature (°C)
tC = case temperature (°C)
typical thermal impedances are:
Ceramic DIP
θ
JA = 42°C/W; θJC = 10°C/W
Ceramic LCC
θ
JA = 50°C/W; θJC = 15°C/W
JLCC
θ
JA = 59°C/W; θJC = 15°C/W.
Recommended Operating Conditions
Input Voltage
Parameter
Min
Nominal
Max
–VS
–5.46
–5.20
–4.94
+VS
+4.75
5.00
+5.25
+VREF
–VREF
0.0 V
+0.1
–VREF
–2.1
–2.0
+VREF
Analog Input
–VREF
+VREF
VS
TTL
OUTPUT
15pF
1k
Figure 1. Load Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com