Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9040A/PWB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9040A/PWB
Description  10-Bit 40 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040A/PWB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9040A/PWB Datasheet HTML 4Page - Analog Devices AD9040A/PWB Datasheet HTML 5Page - Analog Devices AD9040A/PWB Datasheet HTML 6Page - Analog Devices AD9040A/PWB Datasheet HTML 7Page - Analog Devices AD9040A/PWB Datasheet HTML 8Page - Analog Devices AD9040A/PWB Datasheet HTML 9Page - Analog Devices AD9040A/PWB Datasheet HTML 10Page - Analog Devices AD9040A/PWB Datasheet HTML 11Page - Analog Devices AD9040A/PWB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD9040A
REV. B
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm)
28-Lead Plastic DIP
(N-28)
28
1
14
15
1.565 (39.70)
1.380 (35.10)
0.550 (13.97)
0.530 (13.46)
PIN 1
0.022 (0.558)
0.014 (0.356)
0.015 (0.38)
MIN
0.140
(3.55)
MIN
SEATING
PLANE
0.250
(6.35)
MAX
0.100
(2.54)
BSC
0.070
(1.77)
MAX
0.015 (0.381)
0.008 (0.204)
0.625 (15.87)
0.600 (15.24)
28-Lead SOIC Package
(R-28)
0.012 (0.30)
0.004 (0.10)
0.019 (0.48)
0.014 (0.36)
0.104 (2.64)
0.093 (2.36)
0.050
(1.27)
BSC
0.013 (0.33)
0.009 (0.23)
0.04 (1.02)
0.024 (0.61)
0.712 (18.08)
0.700 (17.78)
PIN 1
28
15
14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com