Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP27CZ Datasheet(PDF) 2 Page - Analog Devices

Part # OP27CZ
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27CZ Datasheet(HTML) 2 Page - Analog Devices

  OP27CZ Datasheet HTML 1Page - Analog Devices OP27CZ Datasheet HTML 2Page - Analog Devices OP27CZ Datasheet HTML 3Page - Analog Devices OP27CZ Datasheet HTML 4Page - Analog Devices OP27CZ Datasheet HTML 5Page - Analog Devices OP27CZ Datasheet HTML 6Page - Analog Devices OP27CZ Datasheet HTML 7Page - Analog Devices OP27CZ Datasheet HTML 8Page - Analog Devices OP27CZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
OP27
ELECTRICAL CHARACTERISTICS
OP27A/E
OP27F
OP27C/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET
VOLTAGE
1
VOS
10
25
20
60
30
100
µV
LONG-TERM VOS
STABILITY
2, 3
VOS/Time
0.2
1.0
0.3
1.5
0.4
2.0
µV/MO
INPUT OFFSET
CURRENT
IOS
7
35
9
50
12
75
nA
INPUT BIAS
CURRENT
IB
±10
±40
±12
±55
±15
±80
nA
INPUT NOISE
VOLTAGE
3, 4
en p-p
0.1 Hz to 10 Hz
0.08
0.18
0.08
0.18
0.09
0.25
µV p-p
INPUT NOISE
en
fO = 10 Hz
3.5
5.5
3.5
5.5
3.8
8.0
nV/
√Hz
Voltage Density3
fO = 30 Hz
3.1
4.5
3.1
4.5
3.3
5.6
nV/
√Hz
fO = 1000 Hz
3.0
3.8
3.0
3.8
3.2
4.5
nV/
√Hz
INPUT NOISE
in
fO = 10 Hz
1.7
4.0
1.7
4.0
1.7
pA/
√Hz
Current Density
3, 5
fO = 30 Hz
1.0
2.3
1.0
2.3
1.0
pA/
√Hz
fO = 1000 Hz
0.4
0.6
0.4
0.6
0.4
0.6
pA/
√Hz
INPUT
RESISTANCE
Differential-Mode
6
RIN
1.3
6
0.94
5
0.7
4
M
Ω
Common-Mode
RINCM
3
2.5
2
G
Ω
INPUT VOLTAGE
RANGE
IVR
±11.0 ±12.3
±11.0 ±12.3
±11.0 ±12.3
V
COMMON-MODE
REJECTION RATIO CMRR
VCM =
±11 V
114
126
106
123
100
120
dB
POWER SUPPLY
PSRR
VS =
±4 V
REJECTION RATIO
to
±18 V
1
10
1
10
2
20
µV/V
LARGE-SIGNAL
AVO
RL
≥ 2 kΩ,
VOLTAGE GAIN
VO =
±10 V
1000
1800
1000
1800
700
1500
V/mV
RL
≥ 600 Ω,
VO =
±10 V
800
1500
800
1500
600
1500
V/mV
OUTPUT
VOLTAGE SWING
VO
RL
≥ 2 kΩ±12.0 ±13.8
±12.0 ±13.8
±11.5 ±13.5
V
RL
≥ 600 Ω±10.0 ±11.5
±10.0 ±11.5
±10.0 ±11.5
V
SLEW RATE
7
SR
RL
≥ 2 kΩ
1.7
2.8
1.7
2.8
1.7
2.8
V/
µs
GAIN
BANDWIDTH
PRODUCT
7
GBW
5.0
8.0
5.0
8.0
5.0
8.0
MHz
OPEN-LOOP
OUTPUT
RESISTANCE
RO
VO = 0, IO = 0
7070
70
Ω
POWER
CONSUMPTION
Pd
VO
90
140
90
140
100
170
mW
OFFSET
ADJUSTMENT
RANGE
RP = 10 k
Ω±4.0
±4.0
±4.0
mV
NOTES
1Input offset voltage measurements are performed ~ 0.5 seconds after application of power. A/E grades guaranteed fully warmed up.
2Long-term input offset voltage stability refers to the average trend line of V
OS versus. Time over extended periods after the first 30 days of operation. Excluding the
initial hour of operation, changes in VOS during the first 30 days are typically 2.5
µV. Refer to typical performance curve.
3Sample tested.
4See test circuit and frequency response curve for 0.1 Hz to 10 Hz tester.
5See test circuit for current noise measurement.
6Guaranteed by input bias current.
7Guaranteed by design.
(@ VS =
±15 V, TA = 25 C, unless otherwise noted.)
–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com