Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042D Datasheet(PDF) 3 Page - Analog Devices

Part # AD9042D
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042D Datasheet(HTML) 3 Page - Analog Devices

  AD9042D Datasheet HTML 1Page - Analog Devices AD9042D Datasheet HTML 2Page - Analog Devices AD9042D Datasheet HTML 3Page - Analog Devices AD9042D Datasheet HTML 4Page - Analog Devices AD9042D Datasheet HTML 5Page - Analog Devices AD9042D Datasheet HTML 6Page - Analog Devices AD9042D Datasheet HTML 7Page - Analog Devices AD9042D Datasheet HTML 8Page - Analog Devices AD9042D Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AC SPECIFICATIONS1
Test
AD9042AST
Test
AD9042AD
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Level
Min
Typ
Max
Units
SNR
3
Analog Input
1.2 MHz
+25
°CV
68
I
65
68
dB
@ –1 dBFS
Full
V
67.5
V
67.5
dB
9.6 MHz
+25
°C
V
67.5
I
64.5
67.5
dB
Full
V
67
V
67
dB
19.5 MHz
+25
°C
I
64
67
I
64
67
dB
Full
V
66.5
V
66.5
dB
SINAD
4
Analog Input
1.2 MHz
+25
°C
V
67.5
I
64
67.5
dB
@ –1 dBFS
Full
V
67
V
67
dB
9.6 MHz
+25
°C
V
67.5
I
64
67.5
dB
Full
V
67
V
67
dB
19.5 MHz
+25
°C
I
64
67
I
64
67
dB
Full
V
66.5
V
66.5
dB
Worst Spur
5
Analog Input
1.2 MHz
+25
°C
V
80
I
74
80
dBc
@ –1 dBFS
Full
V
78
V
78
dBc
9.6 MHz
+25
°C
V
80
I
74
80
dBc
Full
V
78
V
78
dBc
19.5 MHz
+25
°C
I
73
80
I
73
80
dBc
Full
V
78
V
78
dBc
Small Signal SFDR (w/Dither)
6
Analog Input @1.2 MHz
Full
V
90
V
90
dBFS
9.6 MHz
Full
V
90
V
90
dBFS
19.5 MHz
Full
V
90
V
90
dBFS
Two-Tone IMD Rejection
7
F1, F2 @ –7 dBFS
Full
V
80
V
80
dBc
Two-Tone SFDR (w/Dither)
8
Full
V
90
V
90
dBFS
Thermal Noise
+25
°C
V
0.33
V
0.33
LSB rms
Differential Nonlinearity
+25
°C
I
–1.0
±0.3 +1.0
I
–1.0
±0.3 +1.0
LSB
(ENCODE = 20 MSPS)
Full
V
±0.4
VI
–1.0
+1.25
LSB
Integral Nonlinearity
(ENCODE = 20 MSPS)
Full
V
±0.75
V
±0.75
LSB
Analog Input Bandwidth
+25
°C
V
100
V
100
MHz
Transient Response
+25
°CV
10
V
10
ns
Overvoltage Recovery Time
+25
°CV
25
V
25
ns
NOTES
1All ac specifications tested by driving ENCODE and ENCODE differentially; see “ENCODING the AD9042” for details.
2C1 (Pin 10 on AD9042AST only) tied to GND through 0.01
µF capacitor.
3Analog input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first five harmonics removed).
4Analog input signal power at –1 dBFS; signal-to-noise and distortion (SINAD ) is the ratio of signal level to total noise + harmonics.
5Analog input signal power at –1 dBFS; worst spur is the ratio of the signal level to worst spur, usually limited by harmonics.
6Analog input signal power swept from –20 dBFS to –95 dBFS; dither power = –32.5 dBm; dither circuit used on input signal (see “Overcoming Static Nonlinearities
with Dither”); SFDR is ratio of converter full scale to worst spur.
7Tones at –7 dBFS (F1 = 15.3 MHz, F2 = 19.5 MHz); two tone intermodulation distortion (IMD) rejection is ratio of either tone to worst third order intermod product.
8Both input tones swept from –20 to –95 dBFS; Dither power = –32.5 dBm; dither circuit used on input signal (see “Overcoming Static Nonlinearities with Dither);
two tone spurious-free dynamic range (SFDR) is the ratio of converter full scale to worst spur.
Specifications subject to change without notice.
REV. A
–3–
AD9042
(AVCC = DVCC = +5 V; ENCODE & ENCODE = 41 MSPS;
VREF tied to VOFFSET through 50
Ω; T
MIN = –40 C, TMAX = +85 C)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com