Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9042STPCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9042STPCB
Description  12-Bit, 41 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042STPCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9042STPCB Datasheet HTML 14Page - Analog Devices AD9042STPCB Datasheet HTML 15Page - Analog Devices AD9042STPCB Datasheet HTML 16Page - Analog Devices AD9042STPCB Datasheet HTML 17Page - Analog Devices AD9042STPCB Datasheet HTML 18Page - Analog Devices AD9042STPCB Datasheet HTML 19Page - Analog Devices AD9042STPCB Datasheet HTML 20Page - Analog Devices AD9042STPCB Datasheet HTML 21Page - Analog Devices AD9042STPCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD9042
–18–
REV. A
Figure 47. AD9042ST/PCB Grounded Layer (Negative)
+5VA
+5V
Figure 48. AD9042ST/PCB “Split” Power Layer (Negative)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com