Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9059/PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9059/PCB
Description  Dual 8-Bit, 60 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9059/PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9059/PCB Datasheet HTML 1Page - Analog Devices AD9059/PCB Datasheet HTML 2Page - Analog Devices AD9059/PCB Datasheet HTML 3Page - Analog Devices AD9059/PCB Datasheet HTML 4Page - Analog Devices AD9059/PCB Datasheet HTML 5Page - Analog Devices AD9059/PCB Datasheet HTML 6Page - Analog Devices AD9059/PCB Datasheet HTML 7Page - Analog Devices AD9059/PCB Datasheet HTML 8Page - Analog Devices AD9059/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9059
–5–
REV. 0
FREQUENCY – MHz
0
–30
–90
–60
–20
–10
–80
–70
–50
–40
030
ENCODE = 60MSPS
ANALOG IN = 10.3MHz, –0.5dBFS
SINAD = 43.9dB
ENOB = 7.0 BITS
SNR = 45.1dB
Figure 2. FFT Spectral Plot 60 MSPS, 10.3 MHz
FREQUENCY – MHz
0
–30
–90
–60
–20
–10
–50
–40
–80
–70
030
ENCODE = 60MSPS
ANALOG IN = 76MHz, –0.5dBFS
SINAD = 43.0dB
ENOB = 6.85 BITS
SNR = 44.1dB
Figure 3. Spectral Plot 60 MSPS, 76 MHz
ANALOG INPUT FREQUENCY – MHz
0
160
20
40
60
80
100
120
140
46
30
38
36
34
32
42
40
44
ENCODE = 60MSPS
AIN = –0.5dBFS
SNR
SINAD
Figure 4. SINAD/SNR vs. AIN Frequency
ANALOG INPUT FREQUENCY – MHz
–30
–70
0
160
20
40
60
80
100
120
140
–35
–50
–55
–60
–65
–40
–45
2ND HARMONIC
3RD HARMONIC
ENCODE = 60MSPS
AIN = –0.5dBFS
Figure 5. Harmonic Distortion vs. AIN Frequency
FREQUENCY – MHz
0
–10
–90
030
10
20
–50
–60
–70
–80
–30
–40
–20
ENCODE = 60MSPS
F1 IN = 9.5MHz @ –7.0dBFS
F2 IN = 9.9MHz @ –7.0dBFS
2F1 - F2 = –52.0dBc
2F2 - F1 = –53.0dBc
Figure 6. Two-Tone IMD
ENCODE RATE – MSPS
54
24
6
5
10203040
5060708090
48
30
18
12
42
36
AIN = 10.3MHz, –0.5dBFS
SNR
SINAD
Figure 7. SINAD/SNR vs. Encode Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com