Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9059PCB Datasheet(PDF) 2 Page - Analog Devices

Part # AD9059PCB
Description  Dual 8-Bit, 60 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9059PCB Datasheet(HTML) 2 Page - Analog Devices

  AD9059PCB Datasheet HTML 1Page - Analog Devices AD9059PCB Datasheet HTML 2Page - Analog Devices AD9059PCB Datasheet HTML 3Page - Analog Devices AD9059PCB Datasheet HTML 4Page - Analog Devices AD9059PCB Datasheet HTML 5Page - Analog Devices AD9059PCB Datasheet HTML 6Page - Analog Devices AD9059PCB Datasheet HTML 7Page - Analog Devices AD9059PCB Datasheet HTML 8Page - Analog Devices AD9059PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD9059–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AD9059BRS
Parameter
Temp
Test Level
Min
Typ
Max
Units
RESOLUTION
8
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
0.75
2.0
LSB
Full
VI
2.5
LSB
Integral Nonlinearity
+25
°C
I
0.75
2.0
LSB
Full
VI
2.5
LSB
No Missing Codes
Full
VI
GUARANTEED
Gain Error
1
+25
°C
I
–6
–2.5
+6
% FS
Full
VI
–8
+8
% FS
Gain Tempco
1
Full
V
±70
ppm/
°C
ANALOG INPUT
Input Voltage Range (Centered at +2.5 V)
+25
°C
V
1.0
V p-p
Input Offset Voltage
+25
°C
I
–15
0
+15
mV
Full
VI
–25
+25
mV
Input Resistance
+25
°C
V
150
k
Ω
Input Capacitance
+25
°CV
2
pF
Input Bias Current
+25
°CI
6
16
µA
Analog Bandwidth
+25
°C
V
120
MHz
CHANNEL MATCHING (A to B)
Gain Delta
+25
°CV
±1% FS
Input Offset Voltage Delta
+25
°CV
±4mV
BANDGAP REFERENCE
Output Voltage
Full
VI
2.4
2.5
2.6
V
Temperature Coefficient
Full
V
±10
ppm/
°C
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
60
MSPS
Minimum Conversion Rate
Full
IV
5
MSPS
Aperture Delay (tA)
+25
°C
V
2.7
ns
Aperture Uncertainty (Jitter)
+25
°C
V
5
ps, rms
Output Valid Time (tV)
2
Full
IV
4.0
6.6
ns
Output Propagation Delay (tPD)
2
Full
IV
9.5
14.2
ns
DYNAMIC PERFORMANCE3
Transient Response
+25
°CV
9
ns
Overvoltage Recovery Time
+25
°CV
9
ns
Signal-to-Noise Ratio (SINAD) (with Harmonics)
fIN = 10.3 MHz
+25
°C
I
40
44.5
dB
fIN = 76 MHz
+25
°C
V
43.5
dB
Effective Number of Bits
fIN = 10.3 MHz
+25
°C
I
6.35
7.1
Bits
fIN = 76 MHz
+25
°C
V
6.9
Bits
Signal-to-Noise Ratio (SNR) (Without Harmonics)
fIN = 10.3 MHz
+25
°C
I
42
46
dB
fIN = 76 MHz
+25
°CV
45
dB
2nd Harmonic Distortion
fIN = 10.3 MHz
+25
°C
I
–50
–62
dBc
fIN = 76 MHz
+25
°C
V
–54
dBc
3rd Harmonic Distortion
fIN = 10.3 MHz
+25
°C
I
–46
–60
dBc
fIN = 76 MHz
+25
°C
V
–54
dBc
Two-Tone Intermodulation Distortion (IMD)
+25
°C
V
–52
dBc
Channel Crosstalk Rejection
+25
°C
V
–50
dBc
Differential Phase
+25
°C
V
0.8
Degrees
Differential Gain
+25
°C
V
1.0
%
(VD = +5 V, VDD = +3 V; external reference; ENCODE = 60 MSPS unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com