Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20045CT Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # MBR20045CT
Description  Silicon Schottky Diode, 200A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR20045CT Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  MBR20045CT Datasheet HTML 1Page - Naina Semiconductor ltd. MBR20045CT Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
MBR20045CT thru
MBR200100CTR
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Silicon Schottky Diode, 200A
Features
•
Guard Ring Protection
•
Low forward voltage drop
•
High surge current capability
•
Up to 100V VRRM
Maximum Ratings (TJ = 25
oC unless otherwise specified)
Parameter
Symbol
Conditions
MBR20045CT
(R)
MBR20060CT
(R)
MBR20080CT
(R)
MBR200100C
T(R)
Units
Repetitive peak
reverse voltage
VRRM
45
60
80
100
V
RMS reverse voltage
VRMS
32
42
56
70
V
DC blocking voltage
VDC
45
60
80
100
V
Average forward
current
IF(AV)
TC ≤ 135
oC
200
200
200
200
A
Non-repetitive
forward surge
current, half sine-
wave
IFSM
TC = 25
oC
tp = 8.3 ms
1500
1500
1500
1500
A
Electrical Characteristics (TJ = 25
oC unless otherwise specified)
Parameter
Symbol
Conditions
MBR20045CT
(R)
MBR20060CT
(R)
MBR20080CT
(R)
MBR200100C
T(R)
Units
DC forward voltage
VF
IF = 100 A
TJ = 25
oC
0.68
0.76
0.88
0.88
V
DC reverse current
IR
VR = 20 V
TJ = 25
oC
5
5
5
5
mA
VR = 20 V
TJ = 125
oC
200
200
200
200
Thermal Characteristics (TJ = 25
oC unless otherwise specified)
Parameter
Symbol
MBR20045CT
(R)
MBR20060CT
(R)
MBR20080CT
(R)
MBR200100C
T(R)
Units
Thermal resistance
junction to case
RthJ-C
0.5
0.5
0.5
0.5
oC/W
Operating, storage
temperature range
TJ , Tstg
- 40 to +175
- 40 to +175
- 40 to +175
- 40 to +175
oC
TWIN TOWER PACKAGE


Similar Part No. - MBR20045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20045CT MCC-MBR20045CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR20045CT TEL-MBR20045CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Microsemi Corporation
MBR20045CT MICROSEMI-MBR20045CT Datasheet
123Kb / 2P
Schottky PowerMod
logo
America Semiconductor, ...
MBR20045CT AMERICASEMI-MBR20045CT Datasheet
446Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR20045CT GENESIC-MBR20045CT Datasheet
461Kb / 3P
High Surge Capability
More results

Similar Description - MBR20045CT

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
DIODE MODULE 200A/800V
PD2018 NIEC-PD2018 Datasheet
172Kb / 6P
DIODE MODULE - 200A/800V
PD20116 NIEC-PD20116 Datasheet
176Kb / 6P
DIODE MODULE - 200A/1600V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
logo
Naina Semiconductor ltd...
MBR20020CT NAINA-MBR20020CT Datasheet
135Kb / 2P
Silicon Schottky Diode, 200A
logo
Fairchild Semiconductor
PCRKA20065F8 FAIRCHILD-PCRKA20065F8 Datasheet
185Kb / 4P
650V / 200A Extremefast Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
GeneSiC Semiconductor, ...
GD2X100MPS06N GENESIC-GD2X100MPS06N Datasheet
626Kb / 7P
650V 200A SiC Schottky MPS??Diode
logo
MacMic
MMD200S MACMIC-MMD200S Datasheet
196Kb / 3P
200A Rectifier Diode Module
MMD200S160U MACMIC-MMD200S160U Datasheet
279Kb / 3P
200A Rectifier Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com