Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD421 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD421
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD421 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD421_08 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD421_08 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD421_08 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD421_08 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD421_08 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD421_08 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD421
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
-0.5
TJ=55°C
-2.5
±1
µA
±10
µA
VGS(th)
-0.7
-0.9
-1.4
V
ID(ON)
-15
A
61
75
TJ=125°C
83
105
75
95
m
Ω
110
145
m
Ω
gFS
8.8
S
VSD
-1
-0.81
V
IS
-8.5
A
Ciss
512
620
pF
Coss
77
pF
Crss
62
pF
Rg
9.2
13
Ω
Qg
4.6
nC
Qgs
0.9
nC
Qgd
2.1
nC
tD(on)
5.2
ns
tr
38
ns
tD(off)
17
ns
tf
31
ns
trr
19
ns
Qrr
6.3
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Gate-Body leakage current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
IF=-12.5A, dI/dt=100A/µs
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-10V,
ID=-12.5A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-10V, RL=0.75Ω,
RGEN=3Ω
m
Ω
VGS=-4.5V, ID=-3A
IS=-1A,VGS=0V
VDS=-5V, ID=-12.5A
IDSS
µΑ
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-16V, VGS=0V
VDS=0V, VGS=±12V
Zero Gate Voltage Drain Current
VDS=0V, VGS=±10V
IGSS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-12.5A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-2.5V, ID=-1A
VGS=-4.5V, VDS=-5V
VGS=-10V, ID=-12.5A
Reverse Transfer Capacitance
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allow s it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C.
G. The maximum current rating is limited by bond-wires.
H. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
*This device is guaranteed green after data code 8X11 (Sep 1
ST 2008).
Rev 1: Sep 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com