Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9070/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9070/PCB
Description  10-Bit, 100 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9070/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9070/PCB Datasheet HTML 8Page - Analog Devices AD9070/PCB Datasheet HTML 9Page - Analog Devices AD9070/PCB Datasheet HTML 10Page - Analog Devices AD9070/PCB Datasheet HTML 11Page - Analog Devices AD9070/PCB Datasheet HTML 12Page - Analog Devices AD9070/PCB Datasheet HTML 13Page - Analog Devices AD9070/PCB Datasheet HTML 14Page - Analog Devices AD9070/PCB Datasheet HTML 15Page - Analog Devices AD9070/PCB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD9070
–15–
REV. B
Table II. Evaluation Board Bill of Materials
ITEM
QTY
REFD
DESCRIPTION
1
5
U7–U11
10H116 – TRIPLE DIFFERENTIAL LINE RECEIVER
2
2
U5, U15
10H176 – 10KH HIGH SPEED ECL
3
4
RP11, RP12, RP14, RP15
10PT-5.2 – 10P TER RES NTWK
4
1
RP9
6PB-5.2 – 6P BUSED RES NTWK
5
2
TB1, TB2
8291Z2 – 2-PIN TERMINAL BLOCK
6
3
RP1, RP2, RP7
8PB-5.2 – 8P BUSED RES NTWK
7
1
U2
AD780N – HIGH PREC VOLT REF
8
1
U1
AD9070R – AD9070 SOIC ECL ADC
9
10
C3, C4, C6, C7, C8, C32, C34, C35, C37, C52
BCAP0603 – CER CHIP CAP 0603, .1
µF
10
24
C11, C12, C14–C18, C20, C22–C26, C28,
BCAP0805 – CER CHIP CAP 0805, .1
µF
C38–C44
11
2
C29, C58
BCAPTAJD – CHIP TANT CAP, 10
µF
12
3
J1, J2, J4
BNC – BNC COAX CONN PCMT
13
1
R1
BRES1206 – SURF MT RES 1206, 1.25K
14
1
R16
BRES1206 – SURF MT RES 1206, 160
15
2
R4, R6
BRES1206 – SURF MT RES 1206, 1K
16
1
R15
BRES1206 – SURF MT RES 1206, 260
17
4
R2, R3, R5, R10
BRES1206 – SURF MT RES 1206, 50
18
1
CON1
C37DRPF – 37P D CONN RT ANG PLASTIC PCMT
FEMALE
19
1
C2
T330A – TANT CAP, 1
µF
20
10
E1–E9, E19
W-HOLE – WIRE HOLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com