Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD458 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD458
Description  250V,14A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD458 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD458_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD458_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD458_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD458_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD458_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD458_11 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD458
Symbol
Min
Typ
Max
Units
250
300
BVDSS
/∆TJ
0.27
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3
3.8
4.5
V
RDS(ON)
0.22
0.28
Ω
gFS
10
S
VSD
0.74
1
V
IS
Maximum Body-Diode Continuous Current
14
A
ISM
32
A
Ciss
505
637
770
pF
Coss
70
104
140
pF
Crss
3
7.1
12
pF
Rg
1.3
2.6
3.9
Ω
Qg
912
15
nC
Qgs
3.8
nC
Qgd
4.6
nC
tD(on)
21
ns
tr
58
ns
tD(off)
29
ns
tf
33
ns
trr
120
150
180
ns
Qrr
1
1.24
1.5
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=14A,dI/dt=100A/µs,VDS=100V
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
Turn-Off DelayTime
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=200V, ID=14A
Gate Source Charge
Gate Drain Charge
IS=1A,VGS=0V
VDS=40V, ID=7A
VDS=0V, VGS=±30V
VGS=10V, ID=7A
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
VDS=5V, ID=250µA
VDS=200V, TJ=125°C
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=250V, VGS=0V
IF=14A,dI/dt=100A/µs,VDS=100V
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
BVDSS
µA
V
Drain-Source Breakdown Voltage
Body Diode Reverse Recovery Time
Static Drain-Source On-Resistance
DYNAMIC PARAMETERS
Turn-On Rise Time
Forward Transconductance
VGS=10V, VDS=125V, ID=14A,
RG=25Ω
Gate resistance
Diode Forward Voltage
Reverse Transfer Capacitance
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=175°C in a TO252 package, using junction-to-case thermal resistance, and is more useful in setting
the upper dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T J(MAX)=175°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal imped ance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T J(MAX)=175°C.
G.These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
H. L=60mH, IAS=3.4A, VDD=150V, RG=10Ω, Starting TJ=25°C
Rev0: April 2011
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com