Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9201ARS Datasheet(PDF) 15 Page - Analog Devices

Part # AD9201ARS
Description  Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9201ARS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9201ARS Datasheet HTML 11Page - Analog Devices AD9201ARS Datasheet HTML 12Page - Analog Devices AD9201ARS Datasheet HTML 13Page - Analog Devices AD9201ARS Datasheet HTML 14Page - Analog Devices AD9201ARS Datasheet HTML 15Page - Analog Devices AD9201ARS Datasheet HTML 16Page - Analog Devices AD9201ARS Datasheet HTML 17Page - Analog Devices AD9201ARS Datasheet HTML 18Page - Analog Devices AD9201ARS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD9201
–15–
REV. D
SYNTHESIZER
20MHz
2Vp-p
+5V
DSP
EQUIPMENT
ANTI-
ALIAS
FILTER
+3V
+3V
SYNTHESIZER
1MHz
1Vp-p
AGND
AVDD
DGND1 DVDD DGND2 DRVDD
P1
CLOCK
Q IN
AD9201
Figure 35. Evaluation Board Connections
EVALUATION BOARD
The AD9201 evaluation board is shipped “ready to run.”
Power and signal generators should be connected as shown in
Figure 35. Then the user can observe the performance of the Q
channel. If the user wants to observe the I channel, then he
should install a jumper at JP22 Pins 1 and 2. If the user wants to
toggle between I and Q channels, then a CMOS level pulse train
should be applied to the “strobe” jack after appropriate jumper
connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com