Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9060/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9060/PCB
Description  10-Bit 75 MSPS A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9060/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9060/PCB Datasheet HTML 4Page - Analog Devices AD9060/PCB Datasheet HTML 5Page - Analog Devices AD9060/PCB Datasheet HTML 6Page - Analog Devices AD9060/PCB Datasheet HTML 7Page - Analog Devices AD9060/PCB Datasheet HTML 8Page - Analog Devices AD9060/PCB Datasheet HTML 9Page - Analog Devices AD9060/PCB Datasheet HTML 10Page - Analog Devices AD9060/PCB Datasheet HTML 11Page - Analog Devices AD9060/PCB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9060
–9–
REV. A
–0.875V
= WIRING
–1.75V
0.1
µF
R3
R4
0.1
µF
AD580
0V
10k
Ω
R1
R
S
0.1
µF
R2
0.1
µF
150
Ω
AD9060
+V
REF
56
R
R/2
R
R/2
R
R/2
R
R/2
R
R/2
R
R/2
R
R
11
12
57
–V
SENSE
+V
SENSE
R/2
R/2
*
*
63
7
3/4
REF
1/4
REF
1/2
REF
1/2
AD708
1/2
AD708
1/2
AD708
1/2
AD708
0.1
µF
+5V
+1.75V
1
*
RESISTANCE = < 5
Ω
+0.875V
–5V
+2.5V
+1.75V
R
S
R
S
R
S
10k
Ω
10k
Ω
150
Ω
356
Ω
20k
Ω
20k
Ω
1/2
AD708
150
Ω
10k
Ω
–V
REF
AD9060 Reference Circuit
ANALOG INPUT
3/4
REF
1/2
REF
1/4
REF
+V
SENSE
–V
SENSE
AD9060 Equivalent Analog Input
DIGITAL BITS
AND OVERFLOW
GROUND
AD9060 Equivalent Digital Outputs
GROUND
14
–VS
13
ENCODE
ENCODE
–VS
AD9060 Encode and Encode
Equivalent Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com