Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9218 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9218 Datasheet HTML 9Page - Analog Devices AD9218 Datasheet HTML 10Page - Analog Devices AD9218 Datasheet HTML 11Page - Analog Devices AD9218 Datasheet HTML 12Page - Analog Devices AD9218 Datasheet HTML 13Page - Analog Devices AD9218 Datasheet HTML 14Page - Analog Devices AD9218 Datasheet HTML 15Page - Analog Devices AD9218 Datasheet HTML 16Page - Analog Devices AD9218 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
AD9218
–13–
ENCODE POSITIVE PULSEWIDTH – ns
30
01
35
40
45
50
55
60
65
70
75
23
45
6
7
8
SFDR
SINAD
TPC 19. SINAD and SFDR vs. Encode Pulsewidth High.
AIN = –0.5 dBFS Single-Ended, 1 V p-p Analog Input
Range 105 MSPS
ENCODE CLOCK RATE – MSPS
020
140
200
180
160
120
100
80
40
60
80
100
120
140
50
45
40
35
30
25
20
15
10
5
0
IVD -65
-65/-105 IVDD
IVD -105
TPC 20. IVD and IVDD vs. Encode Rate (AIN = 10.3 MHz,
@ –0.5 dBFS). -65/-105 MSPS Grade Cl = 5 pF
TEMPERATURE – C
1.231
1.229
1.227
1.225
1.223
1.221
1.119
–40
–20
0
20
406080
TPC 21. VREF Output Voltage vs. Temperature
(ILOAD = 300
µA)
ENCODE POSITIVE PULSEWIDTH – ns
75
70
65
60
55
50
45
40
0
4
6
8
10
12
214
SINAD
SFDR
TPC 22. SINAD and SFDR vs. Encode Pulsewidth High.
AIN = –0.5 dBFS Single Ended, 1 V p-p Analog Input
Range 65 MSPS
TEMPERATURE – C
4.5
4.0
3.5
3.0
2.5
2.0
–40
–20
0
20406080
GAIN -65
GAIN -105
TPC 23. Gain Error vs. Temperature. AIN = 10.3 MHz,
-65 MSPS Grade, -105 MSPS Grade, 1 V p-p
TEMPERATURE – C
68
66
64
62
60
58
56
54
52
–40
–20
0
20406080
SFDR -105
SFDR -65
SNR -65
SINAD -65
SNR -105
SINAD -105
TPC 24. SNR, SINAD, SFDR vs. Temperature.
AIN = 10.3 MHz , -65 MSPS Grade, -105 MSPS Grade,
1 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com