Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR301GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR301GP
Description  3 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR301GP Datasheet(HTML) 1 Page - Micro Commercial Components

  FR301GP_13 Datasheet HTML 1Page - Micro Commercial Components FR301GP_13 Datasheet HTML 2Page - Micro Commercial Components FR301GP_13 Datasheet HTML 3Page - Micro Commercial Components FR301GP_13 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR301GP
THRU
FR307GP
3 Amp Fast Recovery
Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR301GP
50V
35V
50V
FR302GP
100V
70V
100V
FR303GP
200V
40V
200V
FR304GP
400V
280V
400V
FR305GP
600V
420V
600V
FR306GP
800V
560V
800V
FR307GP
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 3.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
100
µA
TA = 25
°C
TA = 55
°C
Maximum Reverse
Recovery Time
FR301GP-304GP
FR305GP
FR306GP-307GP
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
50pF
Measured at
1.0MHz, VR=4.0V
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
FR307GP
FR306GP
FR305GP
FR304GP
FR303GP
FR301GP
FR302GP
www.mccsemi.com
1 of 4
•
Low Forward Voltage Drop and High Current Capability
•
Fast Switching Speed For High Efficiency
•
Glass Passivated Junction
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - FR301GP_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP_11 Datasheet
473Kb / 4P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP_17 Datasheet
237Kb / 4P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FR301GP_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR301 MCC-FR301 Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301 MCC-FR301_11 Datasheet
456Kb / 4P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP_11 Datasheet
473Kb / 4P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
UF5400 MCC-UF5400_11 Datasheet
187Kb / 4P
3 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_13 Datasheet
775Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR301 MCC-FR301_13 Datasheet
479Kb / 4P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
FR301 YFWDIODE-FR301 Datasheet
113Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR301-DO27 YFWDIODE-FR301-DO27 Datasheet
451Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP_17 Datasheet
237Kb / 4P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com