Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9280-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9280-EB
Description  Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9280-EB Datasheet HTML 11Page - Analog Devices AD9280-EB Datasheet HTML 12Page - Analog Devices AD9280-EB Datasheet HTML 13Page - Analog Devices AD9280-EB Datasheet HTML 14Page - Analog Devices AD9280-EB Datasheet HTML 15Page - Analog Devices AD9280-EB Datasheet HTML 16Page - Analog Devices AD9280-EB Datasheet HTML 17Page - Analog Devices AD9280-EB Datasheet HTML 18Page - Analog Devices AD9280-EB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD9280
–15–
REV. D
DIFFERENTIAL INPUT OPERATION
The AD9280 will accept differential input signals. This function
may be used by shorting REFTS and REFBS and driving them
as one leg of the differential signal (the top leg is driven into
AIN). In the configuration below, the AD9280 is accepting a
1 V p-p signal. See Figure 29.
AIN
REFTS
REFTF
REFBF
REFBS
AD9280
0.1 F
10 F
0.1 F
0.1 F
2V
1V
AVDD/2
VREF
REFSENSE
MODE
AVDD/2
0.1 F
1.0 F
Figure 29. Differential Input
AD876-8 MODE OF OPERATION
The AD9280 may be dropped into the AD876-8 socket. This
will allow AD876-8 users to take advantage of the reduced
power consumption realized when running the AD9280 on a
3.0 V analog supply.
Figure 30 shows the pin functions of the AD876-8 and AD9280.
The grounded REFSENSE pin and floating MODE pin effec-
tively put the AD9280 in the external reference mode. The
external reference input for the AD876-8 will now be placed
on the reference pins of the AD9280.
The clamp controls will be grounded by the AD876-8 socket.
The AD9280 has a 3 clock cycle delay compared to a 3.5 cycle
delay of the AD876-8.
4V
2V
0.1 F
0.1 F
AVDD
10 F
0.1 F
4V
2V
AIN
REFTS
REFTF
REFBF
REFBS
CLAMP
REFSENSE
AD9280
MODE
NC
CLAMPIN
OTR
VREF
0.1 F
Figure 30. AD876 Mode
CLOCK INPUT
The AD9280 clock input is buffered internally with an inverter
powered from the AVDD pin. This feature allows the AD9280
to accommodate either +5 V or +3.3 V CMOS logic input sig-
nal swings with the input threshold for the CLK pin nominally
at AVDD/2.
The pipelined architecture of the AD9280 operates on both
rising and falling edges of the input clock. To minimize duty
cycle variations the recommended logic family to drive the clock
input is high speed or advanced CMOS (HC/HCT, AC/ACT)
logic. CMOS logic provides both symmetrical voltage threshold
levels and sufficient rise and fall times to support 32 MSPS
operation. The AD9280 is designed to support a conversion rate
of 32 MSPS; running the part at slightly faster clock rates may
be possible, although at reduced performance levels. Conversely,
some slight performance improvements might be realized by
clocking the AD9280 at slower clock rates.
tCL
tCH
tC
25ns
DATA 1
DATA
OUTPUT
INPUT
CLOCK
ANALOG
INPUT
S1
S2
S3
S4
Figure 31. Timing Diagram
The power dissipated by the output buffers is largely propor-
tional to the clock frequency; running at reduced clock rates
provides a reduction in power consumption.
DIGITAL INPUTS AND OUTPUTS
Each of the AD9280 digital control inputs, THREE-STATE
and STBY are reference to analog ground. The clock is also
referenced to analog ground.
The format of the digital output is straight binary (see Figure
32). A low power mode feature is provided such that for STBY
= HIGH and the clock disabled, the static power of the AD9280
will drop below 5 mW.
OTR
–FS+1LSB
–FS
+FS
+FS–1LSB
Figure 32. Output Data Format
HIGH
IMPEDANCE
tDHZ
tDEN
THREE-
STATE
DATA
(D0–D9)
Figure 33. Three-State Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com