Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9244-65PCB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9244-65PCB
Description  14-Bit, 40/65 MSPS Monolithic A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244-65PCB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9244-65PCB Datasheet HTML 19Page - Analog Devices AD9244-65PCB Datasheet HTML 20Page - Analog Devices AD9244-65PCB Datasheet HTML 21Page - Analog Devices AD9244-65PCB Datasheet HTML 22Page - Analog Devices AD9244-65PCB Datasheet HTML 23Page - Analog Devices AD9244-65PCB Datasheet HTML 24Page - Analog Devices AD9244-65PCB Datasheet HTML 25Page - Analog Devices AD9244-65PCB Datasheet HTML 26Page - Analog Devices AD9244-65PCB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
REV. A
AD9244
–23–
REFIN
10MHz
REFOUT
SIGNAL SYNTHESIZER
2.5MHz, 0.8V p-p
HP8644
CLK SYNTHESIZER
65MHz, 1V p-p
HP8644
2.5MHz
BAND-PASS FILTER
AVDD
GND
DUT
AVDD
GND
DUT
DVDD
DVDD
AD9244
EVALUATION BOARD
OUTPUT
BUSS
J1
S4
INPUT
xFMR
S1/S5
INPUT
CLOCK
5V
+–
5V
–+
3V
–+
3V
–+
DSP
EQUIPMENT
CLOCK
DIVIDER
Figure 20. Evaluation Board Connections
Table VI. Reference Jumper Configuration
Reference
Voltage
Jumpers
Notes
Internal
2 V
23
JP8 Not Connected.
Internal
1 V
24
JP8 Not Connected.
Internal
1 V
≤ VREF ≤ 2 V
25
JP8 Not Connected. VREF = 1 + R1/R2.
External
1 V
≤ VREF ≤ 2 V
8, 22
Set VREF with R26.
Table VII. Clock Jumper Configuration
Input Connector
Jumpers
DUT Clock
Differential
S5
11, 13
Single-Ended
S1
12, 15
Data Capture Clock
Internal
Diff DUT Clock
NA
9, 18A
SE DUT Clock
NA
9, 18B
External
S6
3 or 4
Table V. Analog Input Jumper Configuration
Input
Connector
Jumpers
Notes
Differential: Transformer
S4
45, 46
R8, R28 Provide DC Bias. Optimal for 500 kHz+.
Differential: Amplifier
S2
42, 43
Remove T1 or T4. Used for low input frequencies.
Single-Ended
S3
5, 40, 41
Remove T1 or T4. JP5: connected for dc-coupled, not connected
for ac-coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com