Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9432 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 3 Page - Analog Devices

  AD9432 Datasheet HTML 1Page - Analog Devices AD9432 Datasheet HTML 2Page - Analog Devices AD9432 Datasheet HTML 3Page - Analog Devices AD9432 Datasheet HTML 4Page - Analog Devices AD9432 Datasheet HTML 5Page - Analog Devices AD9432 Datasheet HTML 6Page - Analog Devices AD9432 Datasheet HTML 7Page - Analog Devices AD9432 Datasheet HTML 8Page - Analog Devices AD9432 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. E
–3–
AD9432
Test
AD9432BST/BSQ-80
AD9432BST/BSQ-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
4
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25
°C
I
65.5
67.5
65.5
67.5
dB
fIN = 40 MHz
25
°C
I
65
67.2
67.2
dB
fIN = 49 MHz
25
°C
I
67.0
64
67.0
dB
fIN = 70 MHz
25
°C
V
66.1
66.1
dB
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25
°C
I
65
67.2
65
67.2
dB
fIN = 40 MHz
25
°C
I
64.5
66.9
66.9
dB
fIN = 49 MHz
25
°C
I
66.7
63
66.7
dB
fIN = 70 MHz
25
°C
V
65.8
65.8
dB
Effective Number of Bits
fIN = 10 MHz
25
°C
V
11.0
11.0
Bits
fIN = 40 MHz
25
°C
V
10.9
10.9
Bits
fIN = 49 MHz
25
°C
V
10.9
10.9
Bits
fIN = 70 MHz
25
°C
V
10.7
10.7
Bits
Second and Third Harmonic Distortion
fIN = 10 MHz
25
°C
I
–75
–85
–75
–85
dBc
fIN = 40 MHz
25
°C
I
–73
–85
–83
dBc
fIN = 49 MHz
25
°C
I
–83
–72
–80
dBc
fIN = 70 MHz
25
°C
V
–80
–78
dBc
Worst Harmonic or Spur
(Excluding Second and Third)
fIN = 10 MHz
25
°C
I
–80
–90
–80
–90
dBc
fIN = 40 MHz
25
°C
I
–80
–90
–90
dBc
fIN = 49 MHz
25
°C
I
–90
–80
–90
dBc
fIN = 70 MHz
25
°C
V
–90
–90
dBc
Two-Tone Intermod Distortion (IMD)
fIN1 = 29.3 MHz; fIN2 = 30.3 MHz
25
°C
V
–75
–75
dBc
fIN1 = 70.3 MHz; fIN2 = 71.3 MHz
25
°C
V
–66
–66
dBc
NOTES
1Gain error and gain temperature coefficients are based on the ADC only (with a fixed 2.5 V external reference and a 2 V p-p differential analog input).
2t
V and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital outputs swing. The digital output load during test is
not to exceed an ac load of 10 pF or a dc current of
±40 µA. Rise and fall times measured from 10% to 90%.
3Power dissipation measured with encode at rated speed and a dc analog input. (Outputs Static, I
VDD = 0.)
4SNR/harmonics based on an analog input voltage of –0.5 dBFS referenced to a 2 V full-scale input range.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com