Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9433/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9433/PCB
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9433/PCB Datasheet HTML 9Page - Analog Devices AD9433/PCB Datasheet HTML 10Page - Analog Devices AD9433/PCB Datasheet HTML 11Page - Analog Devices AD9433/PCB Datasheet HTML 12Page - Analog Devices AD9433/PCB Datasheet HTML 13Page - Analog Devices AD9433/PCB Datasheet HTML 14Page - Analog Devices AD9433/PCB Datasheet HTML 15Page - Analog Devices AD9433/PCB Datasheet HTML 16Page - Analog Devices AD9433/PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
AD9433
–13–
APPLICATION NOTES
Theory of Operation
The AD9433 is a multibit pipeline converter that uses a switched
capacitor architecture. Optimized for high speed, this converter
provides flat dynamic performance up to and beyond the Nyquist
limit. DNL transitional errors are calibrated at final test to a
typical accuracy of 0.25 LSB or less.
USING THE AD9433
ENCODE Input
Any high-speed A/D converter is extremely sensitive to the quality
of the sampling clock provided by the user. A track/hold circuit
is essentially a mixer, and any noise, distortion, or timing jitter
on the clock will be combined with the desired signal at the A/D
output. For that reason, considerable care has been taken in the
design of the ENCODE input of the AD9433, and the user is
advised to give commensurate thought to the clock source.
The AD9433 has an internal clock duty cycle stabilization
circuit that locks to the rising edge of ENCODE (falling edge
of
ENCODE if driven differentially), and optimizes timing
internally. This allows for a wide range of input duty cycles at
the input without degrading performance. Jitter in the rising
edge of the input is still of paramount concern, and is not
reduced by the internal stabilization circuit. This circuit is
always on, and cannot be disabled by the user.
The ENCODE and
ENCODE inputs are internally biased to
3.75 V (nominal), and support either differential or single-
ended signals. For best dynamic performance, a differential
signal is recommended. Good performance is obtained using
an MC10EL16 in the circuit to directly drive the encode
inputs, as illustrated in Figure 7.
FREQUENCY – MHz
–120
0
11.52
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
23.04
34.56
46.08
TPC 32. FFT: fS = 92.16 MSPS, fIN = 70.3 MHz, WCDMA @
70.0 MHz, SFDR Enabled
ENCODE
ENCODE
PECL
GATE
510
510
AD9433
Figure 7. Using PECL to Drive the
ENCODE Inputs
Often, the cleanest clock source is a crystal oscillator producing
a pure, single-ended sine wave. In this configuration, or with
any roughly symmetrical, single-ended clock source, the signal
can be ac-coupled to the ENCODE input. To minimize jitter,
the signal amplitude should be maximized within the input
range described in Table I below. The 12 k
Ω resistors to
ground at each of the inputs, in parallel with the internal bias
resistors, set the common-mode voltage to approximately 2.5 V,
allowing the maximum swing at the input. The
ENCODE input
should be bypassed with a capacitor to ground to reduce noise.
This ensures that the internal bias voltage is centered on the
encode signal. For best dynamic performance, impedances at
ENCODE and
ENCODE should match.
ENCODE
ENCODE
AD9433
50
25
12k
12k
0.1 F
0.1 F
50
SINE
SOURCE
Figure 8. Single-Ended Sine Source Encode Circuit
FREQUENCY – MHz
–120
0
9.6
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
19.2
28.8
38.4
TPC 31. FFT: fS = 76.8 MSPS, fIN = 59.6 MHz, 2 WCDMA
Carriers, Differential AIN, SFDR Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com