Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQC0603TTDR10B Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KQC0603TTDR10B
Description  high current inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQC0603TTDR10B Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KQC0603TTDR10B Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQC0603TTDR10B Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
198
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/11
KQC
high current inductor
features
• Low DC resistance and high allowable DC current
• Low profile style 0.027 inches (0.7mm) typical
• Suitable for reflow soldering
• Marking: KQC0603: Black body color with no marking
KQC0402: White body color with no marking
• Products with lead-free terminations meet
EU RoHS requirements
ordering information
T: Sn
B: ±0.1nH
C: ±0.2nH
G: ±2%
J: ±5%
3 digits
10N: 10nH
R10: 0.1µH
1R0: 1.0µH
0402
0603
TP: 2mm pitch paper
(0402: 10,000 pieces/reel)
TE: 4mm pitch embossed
plastic (0603:
(2,000 pieces/reel)
TD: 4mm pitch paper
(0402: 2,000 pieces/reel)
KQC
Type
Size Code
Tolerance
Nominal
Inductance
Termination
Material
Packaging
New Part #
0603
TE
J
12N
T
dimensions and construction
L
H
P
Magnetic
Wire
ht
W
Flat Top Film
Ceramic
Core
Electrode
Inner Coating
LW
H
Ht
P
Dimensions inches
(mm)
.039±.004
(1.0±0.1)
.020±.004
(0.5±0.1)
.022±.004
(0.55±0.1)
.006±.004
(0.15±0.1)
.008±.004
(0.2±0.1)
0402
For further information on
packaging, please refer to Appendix A.
Size
Code
0603
.063±.004
(1.6±0.1)
.041±.008
(1.05±0.2)
.028±.004
(0.7±0.1)
.008±.006
(0.2±0.15)
.015±.004
(0.37±0.1)
0603
0402, 0403
H
ht
W
L
Inner
Coating
Magnetic
Wire
P
Electrode
Ceramic Core
Flat Top Film
EU


Similar Part No. - KQC0603TTDR10B

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQC0603TTE10N KOA-KQC0603TTE10N Datasheet
131Kb / 3P
high current inductor
KQC0603TTE12N KOA-KQC0603TTE12N Datasheet
131Kb / 3P
high current inductor
KQC0603TTE15N KOA-KQC0603TTE15N Datasheet
131Kb / 3P
high current inductor
KQC0603TTE18N KOA-KQC0603TTE18N Datasheet
131Kb / 3P
high current inductor
KQC0603TTE1N2 KOA-KQC0603TTE1N2 Datasheet
131Kb / 3P
high current inductor
More results

Similar Description - KQC0603TTDR10B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL5-2R3M XFMRS-XFHCL5-2R3M Datasheet
64Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6LPA-4R7M XFMRS-XFHCL6LPA-4R7M Datasheet
64Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6MA-2R3M XFMRS-XFHCL6MA-2R3M Datasheet
39Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL5-7R8L XFMRS-XFHCL5-7R8L Datasheet
46Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL5-R87L XFMRS-XFHCL5-R87L Datasheet
46Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6LP-100M XFMRS-XFHCL6LP-100M Datasheet
63Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6MD-R47M XFMRS-XFHCL6MD-R47M Datasheet
44Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL6ME-220M XFMRS-XFHCL6ME-220M Datasheet
63Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL2817H-6R8K XFMRS-XFHCL2817H-6R8K Datasheet
70Kb / 1P
HIGH CURRENT INDUCTOR
XFHCL2817H-150K XFMRS-XFHCL2817H-150K Datasheet
37Kb / 1P
HIGH CURRENT INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com