Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3786 Datasheet(PDF) 3 Page - EPCOS

Part # B3786
Description  Low-loss RF filter for remote control receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3786 Datasheet(HTML) 3 Page - EPCOS

  B3786 Datasheet HTML 1Page - EPCOS B3786 Datasheet HTML 2Page - EPCOS B3786 Datasheet HTML 3Page - EPCOS B3786 Datasheet HTML 4Page - EPCOS B3786 Datasheet HTML 5Page - EPCOS B3786 Datasheet HTML 6Page - EPCOS B3786 Datasheet HTML 7Page - EPCOS B3786 Datasheet HTML 8Page - EPCOS B3786 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
August 10, 2010
B3786
313.85 / 315.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –45 ˚C to +95 ˚C
Terminating source impedance:
ZS =50 Ω and matching network tbd
Terminating load impedance:
ZL =50 Ω and matching network tbd
min.
typ.
@ 25 ˚C
max.
Pass band 1
Center frequency
fC1
—
313.85
—
MHz
Minimum insertion attenuation
α
min1
incl. loss in matching elements
—
2.6
3.2
dB
excl. loss in matching elements
—
2.1
2.6
dB
Pass band (relative to
α
min1)
313.70 ...
314.00 MHz
—
1.0
2.0
dB
313.67 ...
314.03 MHz
—
1.4
3.0
dB
Pass band 2
Center frequency
fC2
—
315.00
—
MHz
Minimum insertion attenuation
α
min2
incl. loss in matching elements
—
2.6
3.2
dB
excl. loss in matching elements
—
2.1
2.6
dB
Pass band (relative to
α
min2)
314.85 ...
315.15 MHz
—
1.0
2.0
dB
314.82 ...
315.18 MHz
—
1.4
3.0
dB
Relative attenuation (relative to
α
min1)
α
rel
10.00 ...
260.00 MHz
50
55
—
dB
260.00 ...
308.00 MHz
42
47
—
dB
308.00 ...
312.40 MHz
24
30
—
dB
312.40 ...
313.20 MHz
15
20
—
dB
314.30 ...
314.60 MHz
—
6
—
dB
315.70 ...
316.50 MHz
15
20
—
dB
316.50 ...
325.00 MHz
22
26
—
dB
325.00 ...
335.00 MHz
38
43
—
dB
335.00 ...
380.00 MHz
42
47
—
dB
380.00 ...
600.00 MHz
50
55
—
dB
600.00 ... 1000.00 MHz
56
60
—
dB
1000.00 ... 2000.00 MHz
50
55
—
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
—
425 || 4.3
—
Ω || pF
Output: ZOUT =ROUT || COUT
—
425 || 4.3
—
Ω || pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com