Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQ0805TTDR10G Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KQ0805TTDR10G
Description  high Q inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0805TTDR10G Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KQ0805TTDR10G Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0805TTDR10G Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0805TTDR10G Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0805TTDR10G Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0805TTDR10G Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
206
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/03/13
KQ
KQT
KQ
high Q inductor
features
ordering information
3 digits:
10N: 10nH
R10: 0.1µH
1R0: 1.0µH
T: Sn
B: ±0.1nH
C: 0.2nH
G: ±2%
H: ±3%
J: ±5%
K: ±10%
M:±20%
0402
0603
0805
1008
TP: 2mm pitch paper
(0402: 10,000 pieces/reel)
TD: 7" paper tape
(0402: 2,000 pieces/reel)
TE: 7" embossed plastic
(0603, 0805, 1008:
2,000 pieces/reel)
KQ
Type
Size Code
Tolerance
Nominal
Inductance
Termination
Material
Packaging
New Part #
1008
TE
J
10N
T
dimensions and construction
h
t
W1
d
W2
Magnetic
Wire
Flat Top
Film
Ceramic/
Ferrite
Core
Electrode
Inner
Coating
L
.039±.004
(1.0±0.1)
.02±.004
(0.5±0.1)
.01±.004
(0.25±0.1)
.02±.004
(0.5±0.1)
.022±.004
(0.55±0.1)
.006±.004
(0.15±0.1)
W1
W2
th
d
Dimensions inches
(mm)
KQT0402
.063±.004
(1.6±0.1)
.039±.004
(1.0±0.1)
.014±.004
(0.35±0.1)
.033±.004
(0.85±0.1)
.035±.004
(0.9±0.1)
.01±.006
(0.25±0.15)
KQ0603
.079±.008
(2.0±0.2)
.059±.008
(1.5±0.2)
(3.3nH-
390nH)
.063±.008
(1.6±0.2)
(470nH-
820nH)
.018±.004
(0.45±0.1)
.053±.004
(1.35±0.1)
.051±.008
(1.3±0.2)
.016±.006
(0.40±0.15)
KQ0805
.071 +.008
-0
(1.8 +0.2)
-0
.018±.006
(0.45±0.15)
.018±.004
(0.45±0.1)
.079±.004
(2.0±0.1)
.087±.008
(2.2±0.2)
.098±.008
(2.5±0.2)
KQ1008
For further information
on packaging, please
refer to Appendix A.
Size
Code
L
EU
• Surface mount
• Operating temperature: -40°C ~ +125°C
• Flat top suitable for high speed pick-and-place
components
• Excellent high frequency applications
• High Q factors and self-resonant frequency values
• Marking: White body color with no marking (0402)
Black body color with white marking
(0603, 0805, 1008)
• Products with lead-free terminations meet
EU RoHS requirements
• AEC-Q200 Qualified


Similar Part No. - KQ0805TTDR10G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQ0805TTE12N KOA-KQ0805TTE12N Datasheet
112Kb / 7P
Chip Inductors
KQ0805TTE15N KOA-KQ0805TTE15N Datasheet
112Kb / 7P
Chip Inductors
KQ0805TTE18N KOA-KQ0805TTE18N Datasheet
112Kb / 7P
Chip Inductors
KQ0805TTE22N KOA-KQ0805TTE22N Datasheet
112Kb / 7P
Chip Inductors
KQ0805TTE27N KOA-KQ0805TTE27N Datasheet
112Kb / 7P
Chip Inductors
More results

Similar Description - KQ0805TTDR10G

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L0805120JEWTR AVX-L0805120JEWTR Datasheet
123Kb / 5P
SMD High-Q RF Inductor
L08053R9CESTR AVX-L08053R9CESTR Datasheet
123Kb / 5P
SMD High-Q RF Inductor
L08055R6CEWTR AVX-L08055R6CEWTR Datasheet
123Kb / 5P
SMD High-Q RF Inductor
L06036R8CGSTR AVX-L06036R8CGSTR Datasheet
123Kb / 5P
SMD High-Q RF Inductor
L08052R7CEWTR AVX-L08052R7CEWTR Datasheet
123Kb / 5P
SMD High-Q RF Inductor
L06031R8CGSTR AVX-L06031R8CGSTR Datasheet
123Kb / 5P
SMD High-Q RF Inductor
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
High Frequency, High Q Chip Inductor
logo
TDK Electronics
MLG0402Q0N2BT000 TDK-MLG0402Q0N2BT000 Datasheet
176Kb / 15P
High Q type inductor for high-frequency circuits
MLG0603P0N6BT000 TDK-MLG0603P0N6BT000 Datasheet
249Kb / 17P
High Q type inductor for high-frequency circuits
logo
AVX Corporation
L08054R7DESTR AVX-L08054R7DESTR Datasheet
96Kb / 3P
SMD High-Q RF Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com