Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4313 Datasheet(PDF) 1 Page - EPCOS

Part # B4313
Description  Low insertion attenuation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4313 Datasheet(HTML) 1 Page - EPCOS

  B4313 Datasheet HTML 1Page - EPCOS B4313 Datasheet HTML 2Page - EPCOS B4313 Datasheet HTML 3Page - EPCOS B4313 Datasheet HTML 4Page - EPCOS B4313 Datasheet HTML 5Page - EPCOS B4313 Datasheet HTML 6Page - EPCOS B4313 Datasheet HTML 7Page - EPCOS B4313 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© EPCOS AG 2012. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW RF filter
Automotive telematics
Series/type:
Ordering code:
B4313
B39162B4313P810
Date:
Version:
April 10, 2012
2.0


Similar Part No. - B4313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B431 ETC1-B431 Datasheet
270Kb / 11P
2.5V Adjustable Shunt Regulator
logo
EPCOS
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
Low insertion attenuation
B4311 EPCOS-B4311 Datasheet
72Kb / 8P
Low-loss RF filter for mobile telephone
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
Usable passband 25.0 MHz
B4315 EPCOS-B4315 Datasheet
80Kb / 8P
Low-loss RF filter for mobile telephone
More results

Similar Description - B4313

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
Low Insertion Loss
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
logo
EPCOS
B3519 EPCOS-B3519 Datasheet
78Kb / 8P
Low insertion attenuation
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
Low insertion attenuation
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
Low Insertion Loss
logo
Shoulder Electronics Li...
HDF2441ES6 SHOULDER-HDF2441ES6 Datasheet
254Kb / 4P
Low insertion loss and deep stop band attenuation for interference
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
Low Insertion Loss
logo
Renesas Technology Corp
F2250 RENESAS-F2250 Datasheet
2Mb / 25P
Low Insertion Loss: 1.4dB @ 2000MHz 33.6dB Attenuation Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com