Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9696 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9696
Description  Ultrafast TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9696 Datasheet(HTML) 2 Page - Analog Devices

  AD9696 Datasheet HTML 1Page - Analog Devices AD9696 Datasheet HTML 2Page - Analog Devices AD9696 Datasheet HTML 3Page - Analog Devices AD9696 Datasheet HTML 4Page - Analog Devices AD9696 Datasheet HTML 5Page - Analog Devices AD9696 Datasheet HTML 6Page - Analog Devices AD9696 Datasheet HTML 7Page - Analog Devices AD9696 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. B
–2–
AD9696/AD9698–SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (+VS/–VS) . . . . . . . . . . . . . . . . . . . . +7 V/–7 V
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±5 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . 5.4 V
Latch Enable Voltage . . . . . . . . . . . . . . . . . . . . . –0.5 V to +VS
Output Current (Continuous) . . . . . . . . . . . . . . . . . . . 20 mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 600 mW
Operating Temperature Range
2
AD9696/AD9698KN/KQ/KR . . . . . . . . . . . . 0
°C to +70°C
AD9696/AD9698TQ . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature
KQ/TQ Suffixes . . . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
KN/KR Suffixes . . . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . +300
°C
ELECTRICAL CHARACTERISTICS
(Supply Voltages = –5.2 V and +5.0 V; load as specified in Note 4,
unless otherwise noted)
0 C to +70 C
–55 C to +125 C
AD9696/AD9698
AD9696/AD9698
Test
KN/KQ/KR
TQ
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Input Offset Voltage
4
+25
°C
I
1.0
2.0
1.0
2.0
mV
Full
VI
3.0
3.0
mV
Input Offset Voltage Drift
Full
V
10
10
µV/°C
Input Bias Current
+25
°C
I
16
55
16
55
µA
Full
VI
110
110
µA
Input Offset Current
+25
°C
I
0.4
1.0
0.4
1.0
µA
Full
VI
1.3
1.3
µA
Input Capacitance
+25
°CV
3
3
pF
Input Voltage Range
±5.0 V
Full
VI
–2.2
+3.7
–2.2
+3 7
V
+5.0 V
Full
VI
+1.4
+3.7
+1.4
+3.7
V
Common Mode Rejection Ratio
±5.0 V
Full
VI
80
85
80
85
dB
+5.0 V
Full
VI
57
63
57
63
dB
LATCH ENABLE INPUT
Logic “1” Voltage Threshold
Full
VI
2.0
2.0
V
Logic “0” Voltage Threshold
Full
VI
0.8
0.8
V
Logic “1” Current
Full
VI
10
10
µA
Logic “0” Current
Full
VI
1
1
µA
DIGITAL OUTPUTS
Logic “1” Voltage (Source 4 mA)
Full
VI
2.7
3.5
2.7
3.5
V
Logic “0” Voltage (Sink 10 mA)
Full
VI
0.4
0.5
0.4
0.5
V
SWITCHING PERFORMANCE
Propagation Delay (tPD)
5
Input to Output HIGH
Full
IV
4.5
7.0
4.5
7.0
ns
Input to Output LOW
Full
IV
4.5
7.0
4.5
7.0
ns
Latch Enable to Output HIGH
+25
°C
IV
6.5
8.5
6.5
8.5
ns
Latch Enable to Output LOW
+25
°C
IV
6.5
8.5
6.5
8.5
ns
Delta Delay Between Outputs
+25
°C
IV
0.5
1.5
0.5
1.5
ns
Propagation Delay Dispersion
20 mV to 100 mV Overdrive
+25
°C
V
100
100
ps
100 mV to 1.0 V Overdrive
+25
°C
IV
100
200
100
200
ps
Rise Time
10
+25
°C
V
1.85
1.85
ns
Fall Time
10
+25
°C
V
1.35
1.35
ns
Latch Enable
Pulse Width [tPW(E)]
+25
°C
IV
3.5
2.5
3.5
2.5
ns
Setup Time (tS)
+25
°C
IV
3
1.7
3
1.7
ns
Hold Time (tH)
+25
°C
IV
3
1.9
3
1.9
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com