Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9713B Datasheet(PDF) 3 Page - Analog Devices

Part # AD9713B
Description  12-Bit, 100 MSPS D/A Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9713B Datasheet(HTML) 3 Page - Analog Devices

  AD9713B Datasheet HTML 1Page - Analog Devices AD9713B Datasheet HTML 2Page - Analog Devices AD9713B Datasheet HTML 3Page - Analog Devices AD9713B Datasheet HTML 4Page - Analog Devices AD9713B Datasheet HTML 5Page - Analog Devices AD9713B Datasheet HTML 6Page - Analog Devices AD9713B Datasheet HTML 7Page - Analog Devices AD9713B Datasheet HTML 8Page - Analog Devices AD9713B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9712B
AD9713B
Test
All Grades
All Grades
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
13
Positive Supply Current (+5.0 V)
+25
°CI
6
12
mA
Full
VI
14
mA
Negative Supply Current (–5.2 V)
14
+25
°C
I
140
178
145
184
mA
Full
VI
183
188
mA
Nominal Power Dissipation
+25
°C
V
728
784
mW
Power Supply Rejection Radio (PSRR)
15
+25
°C
I
30
100
30
100
µA/V
NOTES
1Measured as error in ratio of full-scale current to current through R
SET (160 µA nominal); ratio is nominally 128.
2Full-scale variations among devices are higher when driving REFERENCE INPUT directly.
3Frequency at which the gain is flat
±0.5 dB; R
L = 50 Ω; 50% modulation at midscale.
4Based on I
FS = 128 (VREF/RSET) when using internal amplifier.
5Data registered into DAC accurately at this rate; does not imply settling to 12-bit accuracy.
6Measured as voltage settling at midscale transition to
± 0.024%, R
L = 50 Ω.
7Measured as the time between the 50% point of the falling edge of LATCH ENABLE and the point where the output signal has left a 1 LSB error band
around its previous value.
8Peak glitch impulse is measured as the largest area under a single positive or negative transient.
9Measured with R
L = 50 Ω and DAC operating in latched mode.
10Data must remain stable for specified time prior to falling edge of LATCH ENABLE signal.
11Data must remain stable for specified time after rising edge of LATCH ENABLE signal.
12SFDR is defined as the difference in signal energy between the fundamental and worst case spurious frequencies in the output spectrum window, which is
centered at the fundamental frequency and covers the indicated span.
13Supply voltages should remain stable within
±5% for normal operation.
14108 mA typ on Digital –V
S, 37 mA typ on Analog –VS.
15Measured at
± 5% of +V
S (AD9713B only) and –VS (AD9712B or AD9713B) using external reference.
Specifications subject to change without notice.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9712BAN
–25
°C to +85°C
28-Pin PDIP
N-28
AD9712BBN
–25
°C to +85°C
28-Pin PDIP
N-28
AD9712BAP
–25
°C to +85°C
28-Pin PLCC
P-28A
AD9712BBP
–25
°C to +85°C
28-Pin PLCC
P-28A
AD9712BSQ/883B
–55
°C to +125°C
28-Pin Cerdip
Q-28
AD9712BSE/883B
–55
°C to +125°C
28-Pin LCC
E-28A
AD9712BTQ/883B
–55
°C to +125°C
28-Pin Cerdip
Q-28
AD9712BTE/883B
–55
°C to +125°C
28-Pin LCC
E-28A
AD9713BAN
–25
°C to +85°C
28-Pin PDIP
N-28
AD9713BBN
–25
°C to +85°C
28-Pin PDIP
N-28
AD9713BAP
–25
°C to +85°C
28-Pin PLCC
P-28A
AD9713BBP
–25
°C to +85°C
28-Pin PLCC
P-28A
AD9713BSQ/883B
–55
°C to +125°C
28-Pin Cerdip
Q-28
AD9713BSE/883B
–55
°C to +125°C
28-Pin LCC
E-28A
AD9713BTQ/883B
–55
°C to +125°C
28-Pin Cerdip
Q-28
AD9713BTE/883B
–55
°C to +125°C
28-Pin LCC
E-28A
EXPLANATION OF TEST LEVELS
Test Level
I
–
100% production tested.
II
–
100% production tested at +25
°C, and sample tested at
specified temperatures.
III –
Sample tested only.
IV –
Parameter is guaranteed by design and characterization
testing.
V
–
Parameter is a typical value only.
VI –
All devices are 100% tested at +25
°C. 100% production
tested at temperature extremes for extended tempera-
ture devices; sample tested at temperature extremes for
commercial/industrial devices.
ABSOLUTE MAXIMUM RATINGS
1
Positive Supply Voltage (+VS) (AD9713B Only) . . . . . . . +6 V
Negative Supply Voltage (–VS) . . . . . . . . . . . . . . . . . . . . . –7 V
Analog-to-Digital Ground Voltage Differential . . . . . . . . 0.5 V
Digital Input Voltages (D1–D12, LATCH ENABLE)
AD9712B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to –VS
AD9713B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +VS
Internal Reference Output Current . . . . . . . . . . . . . . . . 500
µA
Control Amplifier Input Voltage Range . . . . . . . . . 0 V to –4 V
Control Amplifier Output Current . . . . . . . . . . . . . . .
±2.5 mA
Reference Input Voltage Range (VREF) . . . . . . . . . . . 0 V to –VS
Analog Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Operating Temperature Range
AD9712B/AD9713BAN/AP/BN/BP . . . . . . . –25
°C to +85°C
AD9712B/AD9713BSE/SQ/TE/TQ . . . . . . –55
°C to +125°C
Maximum Junction Temperature
2
AD9712B/AD9713BAN/AP/BN/BP . . . . . . . . . . . . . +150
°C
AD9712B/AD9713BSE/SQ/TE/TQ . . . . . . . . . . . . . +175
°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances with parts soldered in place: 28-pin plastic DIP:
θ
JA = 37
°C/W, θ
JC = 10
°C/W; 28-pin PLCC: θ
JA = 44
°C/W, θ
JC = 14
°C/W;
Cerdip:
θ
JA = 32
°C/W, θ
JC = 10
°C/W; LCC: θ
JA = 41
°C/W, θ
JC = 13
°C/W. No air
flow.
AD9712B/AD9713B
REV. B
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com