Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB01Q-60-4KSSI Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PB01Q-60-4KSSI
Description  STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PB01Q-60-4KSSI Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PB01Q-60-4KSSI Datasheet HTML 1Page - PowerDynamics, Inc PB01Q-60-4KSSI Datasheet HTML 2Page - PowerDynamics, Inc PB01Q-60-4KSSI Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
Specifications subject to change without notice. Dimensions (mm). See Appendix A for
recommended power cord. See PDI full line catalog for detailed specifications on power cords.
STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320
AC INLET SOCKET.
PB Series
MECHANICAL DIMENSIONS
FEATURES
The PB series, similar to PA and PASP series, offers filters with
IEC connector providing effective equipment protection of
line-to-ground noise up to 15 Amp, 250VAC. The compact
design filter with low leakage current is well suited for
applications that require strict national and international
emission standards. These filters are also available for
Medical application and offer extremely low Leakage current
to comply with UL544, UL2601 and CSA22.2 standards.
A ground choke can be added to enhance the grounding
ability of the circuit. Bleeder resistor can also be added to
prevent excessive voltages from developing across the filter
capacitors when there is no load.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
• Rated Voltage: 115/250VAC
• Rated Current: 1A, 2A, 3A, 6A, 8A, 10A, 15A
• Power Line Frequency: 50/60Hz
• Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
@ 115VAC 60Hz: 2µA*
@ 250VAC 50Hz: 5µA*
• Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
• Temperature Range: -25C to +85C
(Unit: mm)
* Medical application; ** Thickness of Panel is from 1.00mm to 1.6mm
40.0
30.3
3.3
50.1
22.5
24.0
31.0
40.0
28.5
4-R5
21.6
2- 3.5
SUGGESTED PANEL CUTOUT
(MOUNTING FROM FRONT)
46.8
45.5
41.4
28.3
G
20.6
55.8
43.6
28.3
55.2
40.0
28.5
4-R5
21.6
2- 3.5
SUGGESTED PANEL CUTOUT
(MOUNTING FROM FRONT)
46.8
45.5
41.4
28.3
G
20.6
55.8
52
40
25
3.3
30.3
FLANGE MOUNT
SNAP-IN (SNT)
FLANGE MOUNT (B)
20.6
3.75
8
4-R2
21.2
29.6
SUGGESTED PANEL CUTOUT**
(MOUNTING FROM FRONT)
SSI Option
4-R2
21.9
28.5
SUGGESTED PANEL CUTOUT**
(MOUNTING FROM FRONT)
SNT Option


Similar Part No. - PB01Q-60-4KSSI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB01 ETC-PB01 Datasheet
2Mb / 1P
Dimensions and part mumbers
PB01/50/000 ETC-PB01/50/000 Datasheet
2Mb / 1P
Dimensions and part mumbers
PB01/51/000 ETC-PB01/51/000 Datasheet
2Mb / 1P
Dimensions and part mumbers
PB010/51/000 ETC-PB010/51/000 Datasheet
2Mb / 1P
Dimensions and part mumbers
logo
Polymaker Industrial
PB01001 POLYMAKER-PB01001 Datasheet
172Kb / 2P
PolyLite™ PETG
Nov. 2018 Version 4.0
More results

Similar Description - PB01Q-60-4KSSI

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-365A POWERDYNAMICS-HGN-365A Datasheet
481Kb / 3P
IEC 60320 INLET SOCKET WITH SINGLE OR DOUBLE FUSE HOLDER, SNAP-IN OR FLANGE MOUNT
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
PA01Q-50-1C POWERDYNAMICS-PA01Q-50-1C Datasheet
461Kb / 3P
RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
PASP POWERDYNAMICS-PASP Datasheet
469Kb / 3P
RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com