Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD974 Datasheet(PDF) 14 Page - Analog Devices

Part # AD974
Description  4-Channel, 16-Bit, 200 kSPS Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD974 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD974 Datasheet HTML 10Page - Analog Devices AD974 Datasheet HTML 11Page - Analog Devices AD974 Datasheet HTML 12Page - Analog Devices AD974 Datasheet HTML 13Page - Analog Devices AD974 Datasheet HTML 14Page - Analog Devices AD974 Datasheet HTML 15Page - Analog Devices AD974 Datasheet HTML 16Page - Analog Devices AD974 Datasheet HTML 17Page - Analog Devices AD974 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. A
AD974
–14–
BIP
VxA
VxB
AGND1
CAP
REF
AGND2
AD974
VIN
2.2 F
2.2 F
+
+
BIP
VxA
VxB
AGND1
CAP
REF
AGND2
AD974
VIN
2.2 F
2.2 F
+
+
BIP
VxA
VxB
AGND1
CAP
REF
AGND2
AD974
VIN
2.2 F
2.2 F
+
+
INPUT RANGE
BASIC CONNECTIONS FOR AD974
10V
0V TO +5V
0V TO +4V
Figure 11. Analog Input Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com