Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KQ0603TTDR10K Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KQ0603TTDR10K
Description  high Q inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQ0603TTDR10K Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KQ0603TTDR10K Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQ0603TTDR10K Datasheet HTML 2Page - KOA Speer Electronics, Inc. KQ0603TTDR10K Datasheet HTML 3Page - KOA Speer Electronics, Inc. KQ0603TTDR10K Datasheet HTML 4Page - KOA Speer Electronics, Inc. KQ0603TTDR10K Datasheet HTML 5Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KQ
high Q inductor
Part
Designation
L
Measuring
Frequency
applications and ratings
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(mA)
Self Resonant
Frequency
Minimum
(MHz)
Q
Quality
Factor
Minimum
Q
Measuring
Frequency
(MHz)
Marking
Nominal
Inductance
(nH)
Inductance
Tolerance
* Add tolerance character (B, C, G, H, J, K, M)
** Add packaging code
For complete environmental specifications, please refer to www.koaspeer.com
KQT0402T**1N0*
KQT0402T**2N0*
KQT0402T**2N2*
KQT0402T**3N3*
KQT0402T**3N6*
KQT0402T**3N9*
KQT0402T**5N1*
KQT0402T**5N6*
KQT0402T**6N2*
KQT0402T**7N5*
KQT0402T**8N2*
KQT0402T**9N0*
KQT0402T**10N*
KQT0402T**11N*
KQT0402T**12N*
KQT0402T**15N*
KQT0402T**19N*
KQT0402T**23N*
KQT0402T**27N*
KQT0402T**36N*
KQT0402T**40N*
KQT0402T**47N*
KQT0402T**56N*
—
250
16
19
20
22
21
24
20
25
250
9600
0.045
1360
1040
960
840
800
760
680
480
640
560
480
320
150
200
0.070
0.066
0.083
0.104
0.195
0.120
0.172
0.202
0.214
0.298
0.560
0.620
0.830
1.170
5800
4400
4160
3900
3680
3600
3280
3040
2720
2480
2320
2240
2100
2800
1.0
2.0
2.2
3.3
3.6
3.9
5.1
5.6
6.2
7.5
8.2
9.0
10
11
12
15
19
23
27
36
40
47
56
H: ±3%
J: ±5%
K: ±10%
B: ±0.1nH
C: ±0.2nH
KQT0402T**34N*
0.550
34
340
KQT0402T**1N9*
1.9
KQT0402T**2N4*
KQT0402T**2N7*
2.4
2.7
18
17
19
KQT0402T**4N3*
KQT0402T**4N7*
4.3
4.7
18
KQT0402T**6N8*
6.8
7200
6000
0.120
700
0.068
0.091
5800
4800
KQT0402T**8N7*
8.7
20
4200
0.150
650
0.104
680
22
KQT0402T**9N5*
20
650
0.150
4000
9.5
KQT0402T**13N*
3450
13
0.180
KQT0402T**16N*
0.200
3100
16
KQT0402T**18N*
500
0.230
18
25
KQT0402T**22N*
0.323
2800
22
KQT0402T**20N*
0.250
20
24
25
3000
450
24
KQT0402T**24N*
0.322
2700
24
25
24
KQT0402T**33N*
400
2400
33
KQT0402T**30N*
0.354
30
25
24
KQT0402T**39N*
300
0.550
2300
39
25
24
320
KQT0402T**43N*
0.810
2200
43
25
300
KQT0402T**51N*
240
0.835
51
KQT0402T**82N*
KQT0402T**R12*
1.810
2.320
1800
1500
82
120
KQT0402T**68N*
1.120
2000
68
22
KQT0402T**R10*
130
2.090
100
1600
11000
8000
120
140
0.086
0.393
207
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com