Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9740 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9740
Description  10-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740 Datasheet(HTML) 3 Page - Analog Devices

  AD9740 Datasheet HTML 1Page - Analog Devices AD9740 Datasheet HTML 2Page - Analog Devices AD9740 Datasheet HTML 3Page - Analog Devices AD9740 Datasheet HTML 4Page - Analog Devices AD9740 Datasheet HTML 5Page - Analog Devices AD9740 Datasheet HTML 6Page - Analog Devices AD9740 Datasheet HTML 7Page - Analog Devices AD9740 Datasheet HTML 8Page - Analog Devices AD9740 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD9740
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
165
MSPS
Output Settling Time (tST) (to 0.1%)
1
11
ns
Output Propagation Delay (tPD)1
ns
Glitch Impulse
5
pV-s
Output Rise Time (10% to 90%)
1
2.5
ns
Output Fall Time (10% to 90%)
1
2.5
ns
Output Noise (IOUTFS = 20 mA)
2
50
pA/
√Hz
Output Noise (IOUTFS = 2 mA)
2
30
pA/
√Hz
Noise Spectral Density
3
–143
dBm/Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
0 dBFS Output
71
79
dBc
–6 dBFS Output
75
dBc
–12 dBFS Output
67
dBc
–18 dBFS Output
61
dBc
fCLOCK = 65 MSPS; fOUT = 1.00 MHz
84
dBc
fCLOCK = 65 MSPS; fOUT = 2.51 MHz
80
dBc
fCLOCK = 65 MSPS; fOUT = 10 MHz
78
dBc
fCLOCK = 65 MSPS; fOUT = 15 MHz
76
dBc
fCLOCK = 65 MSPS; fOUT = 25 MHz
75
dBc
fCLOCK = 165 MSPS; fOUT = 21 MHz
70
dBc
fCLOCK = 165 MSPS; fOUT = 41 MHz
60
dBc
Spurious-Free Dynamic Range within a Window
fCLOCK = 25 MSPS; fOUT = 1.00 MHz; 2 MHz Span
80
dBc
fCLOCK = 50 MSPS; fOUT = 5.02 MHz; 2 MHz Span
90
dBc
fCLOCK = 65 MSPS; fOUT = 5.03 MHz; 2.5 MHz Span
90
dBc
fCLOCK = 125 MSPS; fOUT = 5.04 MHz; 4 MHz Span
90
dBc
Total Harmonic Distortion
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
–79
–71
dBc
fCLOCK = 50 MSPS; fOUT = 2.00 MHz
–77
dBc
fCLOCK = 65 MSPS; fOUT = 2.00 MHz
–77
dBc
fCLOCK = 125 MSPS; fOUT = 2.00 MHz
–77
dBc
Signal-to-Noise Ratio
fCLOCK = 65 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
70
dB
fCLOCK = 65 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
81
dB
fCLOCK = 125 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
65
dB
fCLOCK = 125 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
76
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
64
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
71
dB
Multitone Power Ratio (8 Tones at 400 kHz Spacing)
fCLOCK = 78 MSPS; fOUT = 15.0 MHz to 18.2 MHz
0 dBFS Output
65
dBc
–6 dBFS Output
66
dBc
–12 dBFS Output
60
dBc
–18 dBFS Output
55
dBc
NOTES
1Measured single-ended into 50
Ω load.
2Output noise is measured with a full-scale output set to 20 mA with no conversion activity. It is a measure of the thermal noise only.
3Noise spectral density is the average noise power normalized to a 1 Hz bandwidth, with the DAC converting and producing an output tone.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, IOUTFS = 20 mA, Differential Transformer Coupled
Output, 50
Doubly terminated, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com