Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9742 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9742
Description  12-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742 Datasheet(HTML) 2 Page - Analog Devices

  AD9742 Datasheet HTML 1Page - Analog Devices AD9742 Datasheet HTML 2Page - Analog Devices AD9742 Datasheet HTML 3Page - Analog Devices AD9742 Datasheet HTML 4Page - Analog Devices AD9742 Datasheet HTML 5Page - Analog Devices AD9742 Datasheet HTML 6Page - Analog Devices AD9742 Datasheet HTML 7Page - Analog Devices AD9742 Datasheet HTML 8Page - Analog Devices AD9742 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD9742
DC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
RESOLUTION
12
Bits
DC ACCURACY1
Integral Linearity Error (INL)
–2.5
±0.5
+2.5
LSB
Differential Nonlinearity (DNL)
–1.3
±0.4
+1.3
LSB
ANALOG OUTPUT
Offset Error
–0.02
+0.02
% of FSR
Gain Error (Without Internal Reference)
–0.5
±0.1
+0.5
% of FSR
Gain Error (With Internal Reference)
–0.5
±0.1
+0.5
% of FSR
Full-Scale Output Current2
2.0
20.0
mA
Output Compliance Range
–1.0
+1.25
V
Output Resistance
100
k
W
Output Capacitance
5
pF
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current
3
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance (Ext. Ref)
1
M
W
Small Signal Bandwidth
0.5
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
ppm of FSR/
∞C
Gain Drift (Without Internal Reference)
±50
ppm of FSR/
∞C
Gain Drift (With Internal Reference)
±100
ppm of FSR/
∞C
Reference Voltage Drift
±50
ppm/
∞C
POWER SUPPLY
Supply Voltages
AVDD
2.7
3.3
3.6
V
DVDD
2.7
3.3
3.6
V
Analog Supply Current (IAVDD)33
36
mA
Digital Supply Current (IDVDD)
4
89
mA
Supply Current Sleep Mode (IAVDD)5
6
mA
Power Dissipation4
135
145
mW
Power Dissipation
5
145
mW
Power Supply Rejection Ratio—AVDD
6
–1
+1
% of FSR/V
Power Supply Rejection Ratio—DVDD6
–0.04
+0.04
% of FSR/V
OPERATING RANGE
–40
+85
∞C
NOTES
1Measured at IOUTA, driving a virtual ground.
2Nominal full-scale current, I
OUTFS, is 32 times the IREF current.
3An external buffer amplifier with input bias current <100 nA should be used to drive any external load.
4Measured at f
CLOCK = 25 MSPS and fOUT = 1.0 MHz.
5Measured as unbuffered voltage output with I
OUTFS = 20 mA and 50
W R
LOAD at IOUTA and IOUTB, fCLOCK = 100 MSPS and fOUT = 40 MHz.
6
±5% power supply variation.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com