Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9740-EB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9740-EB
Description  10-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740-EB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9740-EB Datasheet HTML 5Page - Analog Devices AD9740-EB Datasheet HTML 6Page - Analog Devices AD9740-EB Datasheet HTML 7Page - Analog Devices AD9740-EB Datasheet HTML 8Page - Analog Devices AD9740-EB Datasheet HTML 9Page - Analog Devices AD9740-EB Datasheet HTML 10Page - Analog Devices AD9740-EB Datasheet HTML 11Page - Analog Devices AD9740-EB Datasheet HTML 12Page - Analog Devices AD9740-EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD9740
–9–
FUNCTIONAL DESCRIPTION
Figure 3 shows a simplified block diagram of the AD9740. The
AD9740 consists of a DAC, digital control logic, and full-scale
output current control. The DAC contains a PMOS current
source array capable of providing up to 20 mA of full-scale
current (IOUTFS). The array is divided into 31 equal currents
that make up the 5 most significant bits (MSBs). The next 4 bits,
or middle bits, consist of 15 equal current sources whose value
is 1/16th of an MSB current source. The remaining LSBs are
binary weighted fractions of the middle bits current sources.
Implementing the middle and lower bits with current sources,
instead of an R-2R ladder, enhances its dynamic performance for
multitone or low amplitude signals and helps maintain the DAC’s
high output impedance (i.e., >100 k
Ω).
All of these current sources are switched to one or the other of
the two output nodes (i.e., IOUTA or IOUTB) via PMOS
differential current switches. The switches are based on the
architecture that was pioneered in the AD9764 family, with
further refinements to reduce distortion contributed by the
switching transient. This switch architecture also reduces vari-
ous timing errors and provides matching complementary drive
signals to the inputs of the differential current switches.
The analog and digital sections of the AD9740 have separate
power supply inputs (i.e., AVDD and DVDD) that can operate
independently over a 3.0 V to 3.6 V range. The digital section,
which is capable of operating up to a 165 MSPS clock rate,
consists of edge-triggered latches and segment decoding logic
circuitry. The analog section includes the PMOS current
sources, the associated differential switches, a 1.2 V band gap
voltage reference, and a reference control amplifier.
The DAC full-scale output current is regulated by the refer-
ence control amplifier and can be set from 2 mA to 20 mA via
an external resistor, RSET, connected to the full-scale adjust
(FSADJ) pin. The external resistor, in combination with both
the reference control amplifier and voltage reference, VREFIO,
sets the reference current IREF, which is replicated to the
segmented current sources with the proper scaling factor. The
full-scale current, IOUTFS, is 32 times IREF.
REFERENCE OPERATION
The AD9740 contains an internal 1.2 V band gap reference.
The internal reference can be disabled by raising REFLO to
AVDD. It can also be easily overridden by an external reference
with no effect on performance. REFIO serves as either an input
or output depending on whether the internal or an external
reference is used. To use the internal reference, simply decouple
the REFIO pin to ACOM with a 0.1
µF capacitor and connect
REFLO to ACOM via a resistance less than 5
Ω. The internal
reference voltage will be present at REFIO. If the voltage at
REFIO is to be used anywhere else in the circuit, an external
buffer amplifier with an input bias current of less than 100 nA
should be used. An example of the use of the internal reference
is given in Figure 4.
150pF
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
3.3V
REFIO
FS ADJ
2k
0.1 F
AD9740
ADDITIONAL
LOAD
OPTIONAL
EXTERNAL
REF BUFFER
Figure 4. Internal Reference Configuration
An external reference can be applied to REFIO as shown in Figure 5.
The external reference may provide either a fixed reference voltage
to enhance accuracy and drift performance or a varying reference
voltage for gain control. Note that the 0.1
µF compensation capaci-
tor is not required since the internal reference is overridden, and
the relatively high input impedance of REFIO minimizes any
loading of the external reference.
150pF
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
REFIO
FS ADJ
RSET
AD9740
EXTERNAL
REF
IREF =
VREFIO/RSET
AVDD
REFERENCE
CONTROL
AMPLIFIER
VREFIO
3.3V
Figure 5. External Reference Configuration
DIGITAL DATA INPUTS (DB9–DB0)
150pF
+1.20V REF
AVDD
ACOM
REFLO
PMOS
CURRENT SOURCE
ARRAY
3.3V
SEGMENTED SWITCHES
FOR DB9–DB1
LSB
SWITCH
REFIO
FS ADJ
DVDD
DCOM
CLOCK
3.3V
RSET
2k
0.1 F
IOUTA
IOUTB
AD9740
SLEEP
LATCHES
IREF
VREFIO
CLOCK
IOUTB
IOUTA
RLOAD
50
VOUTB
VOUTA
RLOAD
50
VDIFF = VOUTA – VOUTB
MODE
Figure 3. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com