Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW1/2 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RW1/2
Description  coat insulated miniature precision power wirewound resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RW1/2 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RW1/2 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RW1/2 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RW
coat insulated miniature precision
power wirewound resistors
Part
Designation
Max.
Overload
Voltage
Power Rating
applications and ratings
V
RW1/2
RW1/2N
RW1
RW7
RW1N
RW7N
RW2
RW10
RW2N
0.5W
1.0W
2.0W
7.0W
10W
500V
1 - 45.3k
—
1 - 60.4k
1 - 45.3k
36 - 44.2k
1 - 60.4k
0.1 - 47k
±20:R≥10Ω
±50:1Ω≤R
<10Ω
±90:R<1Ω
36 - 43k
0.1 - 62k
D±0.5%
(E24 • E96
25x10
n •50x10n)
F±1%
(E24 • E96
25x10
n •50x10n)
H±3%
(E24 &
25x10
n •50x10n)
J±5%
(E24 &
25x10
n •50x10n)
T.C.R.
(ppm/°C)
Resistance Range (Ω)
Derating Curve
environmental applications
100
80
60
40
20
-100
-50
0
50
100
350
Ambient Temperature
(°C)
0
-55
150
200
300
275
250
25
V
U
350
250
200
150
0
40
80
120
Power Rating Ratio (%)
(Characteristics U)
0
160
50
100
RW2
RW1/2, RW1, RW3, RW5
RW7, RW10
300
200
Surface Temperature Rise
600
400
10
1k
RW1N
RW1N
RW1
0
Frequency (Hz)
10k
100
1
RW1
1000
100M
100k
RW1N
1M
10M
200
800
RW1
Resistance
T.C.R.
25°C
U: +25°C/-55°C, +25°C/+125°C and +25°C/+275°C
V: +25°C/-55°C, +25°C/+125°C and +25°C/+350°C
Within regulated tolerance
Within specified T.C.R.
Performance Characteristics
Parameter
Requirement
∆ R ±(% + 0.05Ω)
Test Method
Overload (Short time)
Rated power x 5 or Max. overload voltage, whichever is lower for 5 seconds
0.2%: U
Resistance to Solder Heat
350°C ± 10°C, 3 seconds ± 0.5 seconds or 260°C ± 5°C,
10 seconds ± 1 second
0.1%
Moisture Resistance
Power rating x 1/10, 40°C, 90 - 95% RH, 1000 hours,
1.5 hr ON/0.5 hr OFF cycle
0.2%: U
2%: V
Endurance @ 25°C
25°C, 2000 hours
1.5 hr ON/0.5 hr OFF cycle
0.5%: U
3%: V
High Temperature Exposure
Max.
Working
Voltage
RW3
RW3N
RW5
RW5N
3.0W
5.0W
RW10N
—
62 - 49.9k
62 - 51k
U
—
—
3.0W
10W
14W
5.0W
7.0W
10 - 2.61k
—
1 - 5.11k
—
1 - 10k
—
1 - 15k
—
1 - 30.1k
—
10 - 2.61k
10 - 2.37k
1 - 5.11k
10 - 3.74k
1 - 10k
15 - 10k
1 - 15k
15 - 15k
1 - 30.1k
20 - 29.4k
0.47 - 2.7k
10 - 2.4k
0.1 - 5.1k
10 - 3.6k
0.1 - 10k
10 - 10k
0.1 - 15k
15 - 15k
0.1 - 30k
20 - 30k
0.1 - 47k
36 - 43k
0.1 - 62k
62 - 51k
0.47 - 2.7k
10 - 2.4k
0.1 - 5.1k
10 - 3.6k
0.1 - 10k
10 - 10k
0.1 - 15k
15 - 15k
0.1 - 30k
20 - 30k
80V
130V
140V
600V
1000V
200V
400V
150V
300V
800V
1500V
600V
700V
Frequency Characteristics
2%: V
Rated power x 10 or Max. overload voltage, whichever is lower for 5 seconds
275
+5 °C, 250 hours
-0
0.2%: U
2%: V
350
+5 °C, 250 hours
-0
Operating Temperature Range: Characteristic U: -55°C ~ +275°C, V: -55°C ~ +350°C
143
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/30/11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com