Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9760 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9760
Description  10-Bit, 125 MSPS TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9760 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9760 Datasheet HTML 9Page - Analog Devices AD9760 Datasheet HTML 10Page - Analog Devices AD9760 Datasheet HTML 11Page - Analog Devices AD9760 Datasheet HTML 12Page - Analog Devices AD9760 Datasheet HTML 13Page - Analog Devices AD9760 Datasheet HTML 14Page - Analog Devices AD9760 Datasheet HTML 15Page - Analog Devices AD9760 Datasheet HTML 16Page - Analog Devices AD9760 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AD9760
–13–
REV. B
The optimum distortion performance for any reconstructed
waveform is obtained with a 0.1
µF external capacitor installed.
Thus, if IREF is fixed for an application, a 0.1
µF ceramic chip
capacitor is recommended. Also, since the control amplifier is
optimized for low power operation, multiplying applications
requiring large signal swings should consider using an external
control amplifier to enhance the application’s overall large signal
multiplying bandwidth and/or distortion performance.
There are two methods in which IREF can be varied for a fixed
RSET. The first method is suitable for a single-supply system in
which the internal reference is disabled, and the common-mode
voltage of REFIO is varied over its compliance range of 1.25 V
to 0.10 V. REFIO can be driven by a single-supply amplifier or
DAC, allowing IREF to be varied for a fixed RSET. Since the
input impedance of REFIO is approximately 1 M
Ω, a simple,
low cost R-2R ladder DAC configured in the voltage mode
topology may be used to control the gain. This circuit is shown
in Figure 43 using the AD7524 and an external 1.2 V reference,
the AD1580.
The second method may be used in a dual-supply system in
which the common-mode voltage of REFIO is fixed and IREF is
varied by an external voltage, VGC, applied to RSET via an ampli-
fier. An example of this method is shown in Figure 44 where
the internal reference is used to set the common-mode voltage
of the control amplifier to 1.20 V. The external voltage, VGC, is
referenced to ACOM and should not exceed 1.2 V. The value
of RSET is such that IREFMAX and IREFMIN do not exceed 62.5
µA
and 625
µA, respectively. The associated equations in Figure 44
can be used to determine the value of RSET.
50pF
COMP1
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
AVDD
REFIO
FS ADJ
RSET
AD9760
IREF
OPTIONAL
BANDLIMITING
CAPACITOR
VGC
1 F
IREF = (1.2 – VGC)/RSET
WITH VGC < VREFIO AND 62.5 A
IREF
625A
Figure 44. Dual-Supply Gain Control Circuit
In some applications, the user may elect to use an external con-
trol amplifier to enhance the multiplying bandwidth, distortion
performance and/or settling time. External amplifiers capable of
driving a 50 pF load such as the AD817 are suitable for this
purpose. It is configured in such a way that it is in parallel with
the weaker internal reference amplifier as shown in Figure 45.
In this case, the external amplifier simply overdrives the weaker
reference control amplifier. Also, since the internal control
amplifier has a limited current output, it will sustain no damage
if overdriven.
50pF COMP1
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
AVDD
REFIO
FS ADJ
RSET
AD9760
VREF
INPUT
EXTERNAL
CONTROL AMPLIFIER
Figure 45. Configuring an External Reference Control
Amplifier
ANALOG OUTPUTS
The AD9760 produces two complementary current outputs,
IOUTA and IOUTB, which may be configured for single-ended or
differential operation. IOUTA and IOUTB can be converted into
complementary single-ended voltage outputs, VOUTA and VOUTB,
via a load resistor, RLOAD, as described in the DAC Transfer
Function section by Equations 5 through 8. The differential
voltage, VDIFF, existing between VOUTA and VOUTB can also be
converted to a single-ended voltage via a transformer or differ-
ential amplifier configuration. The ac performance of the AD9760
is optimum and specified using a differential transformer
coupled output in which the voltage swing at IOUTA and IOUTB is
limited to
±0.5 V. If a single-ended unipolar output is desirable,
IOUTA should be selected.
The distortion and noise performance of the AD9760 can be
enhanced when the AD9760 is configured for differential opera-
tion. The common-mode error sources of both IOUTA and IOUTB
can be significantly reduced by the common-mode rejection of a
transformer or differential amplifier. These common-mode
error sources include even-order distortion products and noise.
1.2V
50pF
COMP1
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
AVDD
REFIO
FS ADJ
RSET
AD9760
IREF =
VREF/RSET
AVDD
OPTIONAL
BANDLIMITING
CAPACITOR
VREF
VDD
RFB
OUT1
OUT2
AGND
DB7–DB0
AD7524
AD1580
0.1V TO 1.2V
Figure 43. Single-Supply Gain Control Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com