Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9763AST Datasheet(PDF) 9 Page - Analog Devices

Part # AD9763AST
Description  10-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9763AST Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9763AST Datasheet HTML 5Page - Analog Devices AD9763AST Datasheet HTML 6Page - Analog Devices AD9763AST Datasheet HTML 7Page - Analog Devices AD9763AST Datasheet HTML 8Page - Analog Devices AD9763AST Datasheet HTML 9Page - Analog Devices AD9763AST Datasheet HTML 10Page - Analog Devices AD9763AST Datasheet HTML 11Page - Analog Devices AD9763AST Datasheet HTML 12Page - Analog Devices AD9763AST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. B
AD9763
–9–
FUNCTIONAL DESCRIPTION
Figure 20 shows a simplified block diagram of the AD9763.
The AD9763 consists of two DACs, each one with its own
independent digital control logic and full-scale output current
control. Each DAC contains a PMOS current source array
capable of providing up to 20 mA of full-scale current (IOUTFS).
The array is divided into 31 equal currents that make up the five
most significant bits (MSBs). The next four bits, or middle bits,
consist of 15 equal current sources whose value is 1/16th of an
MSB current source. The remaining LSB is a binary weighted
fraction of the middle bit current sources. Implementing the
middle and lower bits with current sources, instead of an R-2R
ladder, enhances the dynamic performance for multitone or low
amplitude signals and helps maintain the DAC’s high output
impedance (i.e., >100 k
Ω).
All of these current sources are switched to one or the other of
the two output nodes (i.e., IOUTA or IOUTB) via PMOS differential
current switches. The switches are based on a new architecture
that drastically improves distortion performance. This new switch
architecture reduces various timing errors and provides matching
complementary drive signals to the inputs of the differential
current switches.
The analog and digital sections of the AD9763 have separate
power supply inputs (i.e., AVDD and DVDD) that can operate
independently over a 3 V to 5.5 V range. The digital section,
which is capable of operating up to a 125 MSPS clock rate,
consists of edge-triggered latches and segment decoding logic
circuitry. The analog section includes the PMOS current sources,
the associated differential switches, a 1.20 V bandgap voltage
reference and two reference control amplifiers.
The full-scale output current of each DAC is regulated by sepa-
rate reference control amplifiers and can be set from 2 mA to
20 mA via an external resistor, RSET, connected to the Full
Scale Adjust (FSADJ) pin. The external resistor, in combination
with both the reference control amplifier and voltage reference
VREFIO, sets the reference current IREF, which is replicated to the
segmented current sources with the proper scaling factor. The
full-scale current, IOUTFS, is 32
× I
REF.
IOUTA2
IOUTB2
5V
IOUTA1
IOUTB1
SEGMENTED
SWITCHES FOR
DAC1
LSB
SWITCH
SEGMENTED
SWITCHES FOR
DAC2
LSB
SWITCH
DAC 2
LATCH
DAC 1
LATCH
CLK
DIVIDER
PMOS
CURRENT
SOURCE
ARRAY
PMOS
CURRENT
SOURCE
ARRAY
CLK1/IQCLK
CLK2/IQRESET
AVDD
FSADJ1
REFIO
FSADJ2
1.2V REF
CHANNEL 1 LATCH
CHANNEL 2 LATCH
MODE
DVDD
MULTIPLEXING LOGIC
5V
WRT2/
IQSEL
WRT1/
IQWRT
GAINCTRL
0.1 F
RSET2
2k
RSET1
2k
DCOM
SLEEP
ACOM
DB0 – DB9
DB0 – DB9
DIGITAL DATA INPUTS
AD9763
IREF1
IREF2
RL2B
50
RL2A
50
VOUT2B
VOUT2A
RL1B
50
RL1A
50
VOUT1B
VOUT1A
VDIFF = VOUTA – VOUTB
Figure 20. Simplified Block Diagram
REFERENCE OPERATION
The AD9763 contains an internal 1.20 V bandgap reference.
This can easily be overridden by an external reference with no
effect on performance. REFIO serves as either an input or out-
put, depending on whether the internal or an external reference
is used. To use the internal reference, simply decouple the
REFIO pin to ACOM with a 0.1
µF capacitor. The internal
reference voltage will be present at REFIO. If the voltage at
REFIO is to be used elsewhere in the circuit, an external buffer
amplifier with an input bias current of less than 100 nA should
be used. An example of the use of the internal reference is
shown in Figure 21.
+1.2V
REF
AVDD
GAINCTRL
CURRENT
SOURCE
ARRAY
REFIO
FSADJ
2k
0.1 F
ADDITIONAL
EXTERNAL
LOAD
OPTIONAL
EXTERNAL
REFERENCE
BUFFER
AD9763
REFERENCE
SECTION
IREF
ACOM
Figure 21. Internal Reference Configuration
An external reference can be applied to REFIO as shown in
Figure 22. The external reference may provide either a fixed
reference voltage to enhance accuracy and drift performance or
a varying reference voltage for gain control. Note that the 0.1
µF
compensation capacitor is not required since the internal refer-
ence is overridden, and the relatively high input impedance of
REFIO minimizes any loading of the external reference.
+1.2V
REF
AVDD
GAINCTRL
CURRENT
SOURCE
ARRAY
REFIO
FSADJ
2k
AD9763
REFERENCE
SECTION
IREF
ACOM
AVDD
EXTERNAL
REFERENCE
Figure 22. External Reference Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com