Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772A Datasheet(PDF) 21 Page - Analog Devices

Part # AD9772A
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9772A Datasheet HTML 17Page - Analog Devices AD9772A Datasheet HTML 18Page - Analog Devices AD9772A Datasheet HTML 19Page - Analog Devices AD9772A Datasheet HTML 20Page - Analog Devices AD9772A Datasheet HTML 21Page - Analog Devices AD9772A Datasheet HTML 22Page - Analog Devices AD9772A Datasheet HTML 23Page - Analog Devices AD9772A Datasheet HTML 24Page - Analog Devices AD9772A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
REV. A
AD9772A
–21–
RFB and IOUTFS. The full-scale output should be set within U1’s
voltage output swing capabilities by scaling IOUTFS and/or RFB.
An improvement in ac distortion performance may result with a
reduced IOUTFS since the signal current U1 will be required to
sink will be subsequently reduced.
AD9772A
IOUTA
IOUTB
U1
RFB
200
200
COPT
IOUTFS = 10mA
VOUT = –IOUTFS
RFB
Figure 28. Unipolar Buffered Voltage Output
POWER AND GROUNDING CONSIDERATIONS
The AD9772A contains the five following power supply inputs:
AVDD, DVDD1, DVDD2, CLKVDD and PLLVDD. The
AD9772A is specified to operate over a 2.8 V to 3.2 V supply
range, thus accommodating 3.0 V and/or 3.3 V power supplies
with up to
±10% regulation. However, the following two condi-
tions must be adhered to when selecting power supply sources
for AVDD, DVDD1–DVDD2, CLKVDD, and PLLVDD:
1. PLLVDD = CLKVDD = 3.1 V–3.5 V when PLL Clock
Multiplier enabled. (Otherwise PLLVDD = PLLCOM)
2. DVDD1–DVDD2 = CLKVDD
± 0.30 V
To meet the first condition, PLLVDD must be driven by the
same power source as CLKVDD with each supply input inde-
pendently decoupled with a 0.1
µF capacitor to its respective
grounds. To meet the second condition, CLKVDD can share
the power supply source as DVDD1–DVDD2, using the
decoupling network shown in Figure 29 to isolate digital noise
from the sensitive CLKVDD (and PLLVDD) supply. Alterna-
tively, separate precision voltage regulators can be used to
ensure that condition two is met.
In systems seeking to simultaneously achieve high speed and
high performance, the implementation and construction of the
printed circuit board design is often as important as the circuit
design. Proper RF techniques must be used in device selection,
placement and routing and supply bypassing and grounding.
Figures 37–44 illustrate the recommended printed circuit board
ground, power and signal plane layouts that are implemented on
the AD9772A evaluation board.
Proper grounding and decoupling should be a primary objective
in any high speed, high resolution system. The AD9772A fea-
tures separate analog and digital supply and ground pins to
optimize the management of analog and digital ground currents
in a system. AVDD, CLKVDD, and PLLVDD must be powered
from a clean analog supply and decoupled to their respective
analog common (i.e., ACOM, CLKCOM and PLLCOM) as
close to the chip as physically possible. Similarly, DVDD1 and
DVDD2, the digital supplies, should be decoupled to DCOM.
For those applications requiring a single 3.3 V supply for both
the analog, digital supply and Phase Lock Loop supply, a clean
AVDD and/or CLKVDD may be generated using the circuit
shown in Figure 29. The circuit consists of a differential LC filter
with separate power supply and return lines. Lower noise can be
attained using low ESR-type electrolytic and tantalum capacitors.
+
–
100 F
ELECTROLYTIC
+
–
10 F–22 F
TANTALUM
0.1 F
CERAMIC
AVDD
ACOM
TTL/CMOS
LOGIC
CIRCUITS
3.0V OR 3.3V
POWER SUPPLY
FERRITE
BEADS
Figure 29. Differential LC Filter for 3 V or 3.3 V
Maintaining low noise on power supplies and ground is critical
to obtain optimum results from the AD9772A. If properly
implemented, ground planes can perform a host of functions on
high-speed circuit boards: bypassing, shielding current trans-
port, etc. In mixed-signal design, the analog and digital portions
of the board should be distinct from each other, with the analog
ground plane confined to the areas covering the analog signal
traces, and the digital ground plane confined to areas covering
the digital interconnects.
All analog ground pins of the DAC, reference, and other analog
components should be tied directly to the analog ground plane.
The two ground planes should be connected by a path 1/8 to
1/4 inch wide underneath or within 1/2 inch of the DAC to
maintain optimum performance. Care should be taken to ensure
that the ground plane is uninterrupted over crucial signal paths.
On the digital side, this includes the digital input lines running
to the DAC. On the analog side, this includes the DAC output
signal, reference signal and the supply feeders.
The use of wide runs or planes in the routing of power lines is
also recommended. This serves the dual role of providing a low
series impedance power supply to the part, as well as providing
some “free” capacitive decoupling to the appropriate ground
plane. It is essential that care be taken in the layout of signal and
power ground interconnects to avoid inducing extraneous volt-
age drops in the signal ground paths. It is recommended that all
connections be short, direct and as physically close to the pack-
age as possible in order to minimize the sharing of conduction
paths between different currents. When runs exceed an inch in
length, strip line techniques with proper termination resistors
should be considered. The necessity and value of these resistors
will be dependent upon the logic family used.
For a more detailed discussion of the implementation and con-
struction of high-speed, mixed-signal printed circuit boards,
refer to Analog Devices’ application note AN-333.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com