Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772AAST Datasheet(PDF) 15 Page - Analog Devices

Part # AD9772AAST
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772AAST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9772AAST Datasheet HTML 11Page - Analog Devices AD9772AAST Datasheet HTML 12Page - Analog Devices AD9772AAST Datasheet HTML 13Page - Analog Devices AD9772AAST Datasheet HTML 14Page - Analog Devices AD9772AAST Datasheet HTML 15Page - Analog Devices AD9772AAST Datasheet HTML 16Page - Analog Devices AD9772AAST Datasheet HTML 17Page - Analog Devices AD9772AAST Datasheet HTML 18Page - Analog Devices AD9772AAST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
REV. A
AD9772A
–15–
latched into the AD9772 on every other rising edge of the differ-
ential clock input. The rising edge that corresponds to the input
latch immediately precedes the rising edge of the 1
clock at
PLLLOCK. Adequate setup and hold time for the input data as
shown in Figure 1b should be allowed. Note that enough delay
is present between CLK+/CLK– and the data input latch to
cause the minimum setup time for input data to be negative.
This is noted in the Digital Specifications section. PLLLOCK
contains a relatively weak driver output, with its output delay
(tOD) sensitive to output capacitance loading. Thus PLLLOCK
should be buffered for fanouts greater than one, and/or load
capacitance greater than 10 pF. If a data timing issue exists
between the AD9772A and its external driver device, the 1
clock appearing at PLLLOCK can be inverted via an external
gate to ensure proper setup and hold time.
CHARGE
PUMP
PHASE
DETECTOR
EXT/INT
CLOCK CONTROL
PRESCALER
CLKVDD
OUT1
CLKCOM
MOD1 MOD0 RESET
CLK+
LPF
PLL
VDD
PLL
COM
DIV1
DIV0
CLOCK
DISTRIBUTION
–
+
PLLLOCK
CLK–
VCO
AD9772A
Figure 11. Clock Multiplier with PLL Clock Multiplier
Disabled
SYNCHRONIZATION OF CLK/DATA USING RESET WITH
PLL DISABLED
The relationship between the internal and external clocks in this
mode is shown in Figure 12. A clock at the output update data
rate (2
the input data rate) must be applied to the CLK in-
puts. Internal dividers create the internal 1
clock necessary for
the input latches. With the PLL disabled, a delayed version of the
1
clock is present at the PLLLOCK pin. The DAC latch is
updated on the particular rising edge of the external 2
clock
which corresponds to the rising edge of the 1
clock. Updates
to the input data should be synchronized to this specific rising
edge as shown in Figure 12. To ensure this synchronization, a
Logic 1 should be momentarily applied to the RESET pin on
power up, before CLK is applied. Applying a momentary Logic 1
to RESET brings the 1
clock at PLLLOCK to a Logic 1. On
the next rising edge of the 2
clock, the 1
clock will go to
Logic 0. The following rising edge of the 2
clock will cause
the 1
clock to Logic 1 again, as well as update the data in
both of the input latches.
DIGITAL DATA IN
EXTERNAL
2
CLK
DELAYED INTERNAL
1
CLK
LOAD DEPENDENT
DELAYED 1
CLK
AT PLLLOCK
IOUTA OR IOUTB
DATA
tLPW
tD
tPD
tPD
DATA ENTERS INPUT
LATCHES ON THIS EDGE
Figure 12. Internal Timing of AD9772A with PLL Disabled
Figure 13 illustrates the details of the RESET function timing.
RESET going from a high to a low logic level enables the 1
clock output, generated by the PLLLOCK pin. If RESET goes
low at a time well before the rising edge of the 2
clock, then
PLLLOCK will go high on the following edge of the 2
clock. If
RESET goes from a high to a low logic level 600 ps or later
following the rising edge of the 2
× clock, there will be a delay of
one 2
clock cycle before PLLLOCK goes high. In either case,
as long as RESET remains low, PLLLOCK will change state on
every rising edge of the 2
clock. As stated before, it is the rising
edge of the 2
clock which immediately precedes the rising edge
of PLLLOCK that latches data into the AD9772A input latches.
CH1 2.00V
CH2 2.00V
M 10.0ns CH3 2.00V
.
[ T
]
1
2
3
T
T
T
CH1 2.00V
CH2 2.00V
M 10.0ns CH4
1.20V
CH3 2.00V
b.
Figure 13. RESET Timing of AD9772A with PLL Disabled
a.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com