Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES7120 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES7120
Description  HDMI Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES7120 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES7120 Datasheet HTML 1Page - ESS Technology,Inc ES7120 Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESS Technology, Inc.
SAM0668-082807
1
ESS Technology, Inc.
PRELIMINARY
ES7120
HDMI Transmitter
Product Brief
DESCRIPTION
The ESS ES7120 HDMI Transmitter was designed to
connect ESS’ DVD Decoder ICs to HDTV TVs. The
ES7120 transports high-definition Digital Video and multi-
channel Digital Audio over a TMDS interface to high-
definition TV displays. The ES7120 contains a Link and
PHY and complies with the HDMI 1.1 (High Definition
Multimedia Interface) and HDCP 1.1 (High-Bandwidth
Digital Content Protection) specifications. This IC provides
a simple, low cost and high quality method of sending
protected digital audio and video, providing end users with
a truly all-digital experience. The ESS DVD player ICs can
transmit the highest quality digital audio and video content
over a simple, low cost cable to high resolution TVs and
displays. At the same time, built in backward compatibility
with DVI 1.0 allows the ESS HDMI ICs to connect to any
DVI 1.0 display (DTV, plasma display, LCD TV, PC
monitor).
The ES7120 incorporates an extremely flexible audio and
video interface. An integrated color space converter
allows direct connection to ESS DVD Decoder ICs via their
12 bit YCbCr and 8-bit BT 656 outputs. An industry
standard S/PDIF accepts PCM encoded data as well as
Dolby Digital, DTS and other formats capable of being
sent over S/PDIF. Four I2S inputs support DVD Audio and
decoded Dolby Digital input, enabling pure digital audio
connection to A/V receivers.
The ES7120 comes pre-programmed with HDCP keys,
greatly simplifying the manufacturing process, lowering
costs, and providing the highest level of HDCP key
security available.
ESS provides a reference design with necessary software
mo dules to provi de a com plete solution for HDM I
Transmission from DVD Players to HDTVs.
The ES7120 HDMI transmitter is available in an 80-pin
Thin Quad Flat Pack (TQFP) package.
FEATURES
HDMI 1.1, HDCP 1.1 and DVI 1.0 compliant transmitter
Integrated TMDS core
Proprietary video interface supports ESS DVD decoder IC’s
- 12-bit RGB/YCbCr 4:4:4
- 8-bit YCbCr 4:2:2 (ITU.601 and 656)
- 12-bit, dual-edge clocking input mode
- YCbCr-to-RGB color space conversion
- Input clock modifier (0.5x, 2x, 4x)
- 4:2:2 to 4:4:4 up sampling
High-End digital audio interface
- 4 x I2S inputs accept Dolby Digital, DVD-Audio input (2-ch.
192kHz, 8-ch. 96kHz)
- S/PDIF input supports PCM, Dolby Digital, DTS digital audio
transmission (32-192kHz Fs sample rate)
- IEC60958 or IEC61937 compatible.
- Flexible, programmable I2S channel mapping
- 2:1 and 4:1 Down-sampling to handle 96KHz and 192KHz
Audio Streams.
Master I2C interface for DDC connection simplifies board layout
and lowers cost
Integrated HDCP encryption engine for transmitting protected
audio and video content
Pre-programmed HDCP keys provide highest level of key
security, simplify manufacturing
Monitor Detection supported through Hot Plug and Receiver
Detection
Programmable Data Enable Generator
Programmable Sync Extraction
Flexible power management


Similar Part No. - ES7120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES71145 ETC-ES71145 Datasheet
113Kb / 7P
RGB ENCODER
ES71145S ETC-ES71145S Datasheet
113Kb / 7P
RGB ENCODER
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
10-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results

Similar Description - ES7120

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
HDMI Transmitter
SII1392 SILICONIMAGE-SII1392 Datasheet
251Kb / 2P
VastLane??HDMI Transmitter
SII1932 SILICONIMAGE-SII1932 Datasheet
250Kb / 2P
VastLane??HDMI Transmitter
SII9022 SILICONIMAGE-SII9022 Datasheet
229Kb / 2P
VastLane??HDMI Transmitter
SII9034 SILICONIMAGE-SII9034 Datasheet
187Kb / 2P
VastLane??HDMI Transmitter
SII9134 SILICONIMAGE-SII9134 Datasheet
1Mb / 2P
VastLane??HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
HDMI Transmitter
SII9024 SILICONIMAGE-SII9024 Datasheet
208Kb / 2P
VastLane HDMI Transmitter
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
HDMI Transmitter
SII9334 SILICONIMAGE-SII9334 Datasheet
109Kb / 2P
HDMI 1.4 Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com