Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES8390 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES8390
Description  HD Enhanced DVD Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES8390 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES8390 Datasheet HTML 1Page - ESS Technology,Inc ES8390 Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ESS Technology, Inc.
Phoenix II Series
HD Enhanced DVD Processor
Product Brief
www.esstech.com
Vista™
High Definition
Vista™
High Definition
OVERVIEW
The Phoenix™ II ES8390/ES8391 family of HD Enhanced DVD processors is a 2
nd generation solution
built upon ESS’s highly successful Phoenix™ series of single-chip DVD controllers.
P/N
Description
Package
Analog HD
(up to 1080i)
HDMI output
(up to 1080p)
ES8390
Phoenix II HD Enhanced Processor
176-LQFP
√
×
ES8391
Phoenix II HD Enhanced Processor with
HDMI support
216-LQFP
√
with ES7108
ES7108
Phoenix II Companion 1080p Video
Scaler with built-in HDMI Transmitter
80-LQFP
×
√
The Phoenix™ II integrates a reliable front-end servo/ECC controller with a proven backend that supports
standard DVD decoding with options for DivX® Home Theater playback, HMDI transmitter and Class D
power bridges. A USB 2.0 FS host controller is also included for thumb drive connectivity.
The Phoenix™ II incorporates advanced video enhancement features such as de-interlacing, up-scaling
and an HDTV encoder that can display JPEG pictures or up-converted video at 720p/1080i resolution.
Together with the ES7108 Video Scaler companion, the Phoenix™ II ES8391 also supports HDMI output
with the emerging 1080p scaler up-conversion.
KEY FEATURES
Feature
Benefit
Video
•
6ch Video DAC
•
HD Video Encoder
•
SD
→HD scaler
•
HD JPEG
•
Divx HTP option
•
1080p HDMI option via
ES7108
•
Separate output for CVBS, S and Component
•
Analog 720p/1080i output without HDMI for HD JPEG
•
Up-conversion of video content to HD
•
Display JPEG pictures in HD resolution
•
Display DivX HTP video at full screen
•
Support 1080p up-conversion via companion ES7108 Video
Scaler with integrated HDMI transmitter
Audio
•
Stereo ADC
•
6ch Audio DAC
•
6ch PWM option
•
Karaoke or Line-in at reduced cost
•
Eliminates external multi-channel audio DAC
•
6ch Class D amplifier at reduced cost plus downmix I2S
Interface
•
SPI Flash
•
USB 2.0 FS host
•
IDE port (ES8391)
•
I/F to HDMI (ES8391)
•
Reduce PCB foot-print
•
Connect USB thumb-drives and card readers
•
Connect network controllers, hard drives, CF
•
Supports HDMI via external transmitter


Similar Part No. - ES8390

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES8396 ESS-ES8396 Datasheet
48Kb / 1P
Highest integration for non-HDMI DVD hometheater receivers and soundbars
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
Low Power Stereo Audio CODEC
More results

Similar Description - ES8390

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9702W SANYO-LA9702W Datasheet
493Kb / 10P
DVD Player Front End Processor
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
Cirrus Logic
CS98100 CIRRUS-CS98100 Datasheet
1Mb / 60P
DVD PROCESSOR FOR LOW COST DVD PLAYERS
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
Sound processor for DVD player
logo
NEC
UPD61171 NEC-UPD61171 Datasheet
169Kb / 8P
SECOND GENERATION ENHANCED MULTIMEDIA ARCHITECTURE PROCESSOR FOR DVD RECORDER/PERSONAL VIDEO RECORDERS
logo
List of Unclassifed Man...
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
Vibratto DVD Processor
logo
Zoran Corporation
ACTIVA150 ZORAN-ACTIVA150 Datasheet
49Kb / 2P
DVD Recorder Multimedia Processor
ZR36888 ZORAN-ZR36888 Datasheet
144Kb / 2P
DVD Multimedia Processor
logo
ESS Technology,Inc
ES8380 ESS-ES8380 Datasheet
239Kb / 2P
Phoenix HD Enhanced DVD Processor Product Brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com