Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9016 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9016
Description  32-bit High Performance Audio ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9016 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9016 Datasheet HTML 1Page - ESS Technology,Inc ES9016 Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION
Analog Reinvented
and
Ultra ADC Series
32-bit High Performance Audio ADC
Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1098
Reference ADC
FEATURE
BENEFIT
32-bit Hyperstream ADC architecture
Reference
Ultra
DNR (dB-A)
Up to 127
124
THD+N (-dB)
Up to 120
112
Unprecedented dynamic range and ultra low distortion
Build-in mono mode (Reference only)
Mono (with additional performance) or stereo configuration
without external components
32-bit Programmable decimation (FIR) filter
o
Built–in sharp or low-group delay filters, or
o
User customizable characteristics
Customizable FIR decimation filters for any application
Programmable 8-band biquad filter
o
Built-in RIAA filter
o
User customizable characteristics
Customizable equalization for any application
Programmable Digital High-pass filter
Eliminates input DC offset
Up to 384kHz sampling rate
Compatible with DVD-audio and professional applications
I2C or hardware based control
Configured by microcontroller or used standalone
Flexible SPDIF/I2S digital output modes
Synchronous SPDIF or I2S master/slave output, or
asynchronous I2S slave output relative to master clock
Low power in a small package
o
<200mW power consumption
Simplifies power supply design
The SABRE
32 ADC series is the world’s highest performance 32-bit analog-to-digital (A/D) converter solution targeted
for consumer applications such as audio pre-amplifier, audio processor, A/V receiver and professional audio
applications such as recording systems, mixer consoles and digital audio workstations.
Part
Description
DNR (dB-A)
THD+N (dB)
32-bit
Digital Filter
8-band Biquad
Filter
I2S/SPDIF
Output
Sample
Rate
Package
ES9102
SABRE32 Reference
32-bit Stereo/Mono ADC
127 (Mono)
124 (Stereo)
−120 (Mono)
−118 (Stereo)
Programmable Programmable
Yes
Up to
384kHz
48LQFP
ES9112
SABRE32 Ultra
32-bit Stereo ADC
124
-112
Programmable Programmable
Yes
Up to
384kHz
28SOP
Using the ESS proprietary 32-bit Hyperstream ADC architecture, the SABRE
32
Reference ADC delivers an
unprecedented DNR of 127dB and THD+N of −120dB in mono mode (or DNR of 124dB and THD+N of −118dB in
stereo mode), a performance level that will satisfy the most demanding audio enthusiasts.
For highest performance, the SABRE
32 ADC series implements a 32-bit programmable decimation filter and outputs
the full 32-bit resolution in I2S mode, or 24-bit resolution in SPDIF mode. A digital high-pass filter is available for DC
removal. Additionally, a programmable 8-band biquad filter is implemented for RIAA or custom equalization. The
SABRE
32 ADC series supports synchronous SPDIF or I2S master/slave output, or asynchronous I2S slave output
relative to the master clock for up to 384kHz sample rate and consumes less than 200mW.


Similar Part No. - ES9016

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9016 ESS-ES9016 Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
Ultra 32-bit Stereo Mobile Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
ES9016K2M ESS-ES9016K2M_V01 Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
Ultra 32-bit 8-Channel Audio DAC
More results

Similar Description - ES9016

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
High Performance 32-bit processor
logo
Suzhou Everest Semicond...
ES7210 EVEREST-ES7210 Datasheet
1Mb / 11P
High Performance Four Channels Audio ADC
ES7240S EVEREST-ES7240S Datasheet
548Kb / 10P
High Performance Stereo Audio ADC
ES7241D EVEREST-ES7241D Datasheet
603Kb / 10P
High Performance Stereo Audio ADC
ES7242 EVEREST-ES7242 Datasheet
581Kb / 11P
High Performance Stereo Audio ADC
ES7243 EVEREST-ES7243 Datasheet
591Kb / 11P
High Performance Stereo Audio ADC
logo
ESS Technology,Inc
ES9820 ESS-ES9820 Datasheet
1Mb / 117P
32-bit High-Performance 2-Channel ADC
October 13, 2021
ES9822PRO ESS-ES9822PRO Datasheet
1Mb / 126P
32-bit High-Performance 2-Channel ADC
Oct 13, 2021
ES9826 ESS-ES9826 Datasheet
2Mb / 88P
32-bit High performance 2 Channel ADC w/PGA
VERSION 0.1.2 April, 2023
ES9842PRO ESS-ES9842PRO Datasheet
2Mb / 167P
32-bit High-Performance 4-Channel ADC
May 26, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com