Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9801 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9801
Description  CCD Signal Processor For Electronic Cameras
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9801 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9801 Datasheet HTML 3Page - Analog Devices AD9801 Datasheet HTML 4Page - Analog Devices AD9801 Datasheet HTML 5Page - Analog Devices AD9801 Datasheet HTML 6Page - Analog Devices AD9801 Datasheet HTML 7Page - Analog Devices AD9801 Datasheet HTML 8Page - Analog Devices AD9801 Datasheet HTML 9Page - Analog Devices AD9801 Datasheet HTML 10Page - Analog Devices AD9801 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9801
–7–
REV. 0
CCD SIGNAL
(DELAYED TO MATCH
ACTUAL SAMPLING
EDGE)
SHD
tID
35ns
35ns
tOD
tH
DATA N–1
DATA N
N+1
N+2
N+3
N
N+4
12
34
5
6
7
SHP
ACTUAL
SAMPLING
EDGE
ADCCLK
DIGITAL OUT
OUTPUT LOAD CL = 20pF
OUTPUT DELAY
tOD = 15ns
LATENCY = 5 CYCLES
INTERNAL CLOCK DELAY
tHD = 3ns
HOLD TIME
tH = 2ns
Figure 11. Timing Diagram
SHP
15ns
SHD
ADCCLK
5ns
10ns
5ns
RISING EDGE
ANYWHERE IN
THIS PERIOD OK
INHIBITED PERIOD
FOR ADCCLK
TO CHANGE
PRE-ADC
OUTPUT LATCH
PRE-ADC
OUTPUT LATCH
DATA TRANSITION
Figure 12. ADCCLK Timing Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com