Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9840AJST Datasheet(PDF) 15 Page - Analog Devices

Part # AD9840AJST
Description  Complete 10-Bit 40 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9840AJST Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9840AJST Datasheet HTML 8Page - Analog Devices AD9840AJST Datasheet HTML 9Page - Analog Devices AD9840AJST Datasheet HTML 10Page - Analog Devices AD9840AJST Datasheet HTML 11Page - Analog Devices AD9840AJST Datasheet HTML 12Page - Analog Devices AD9840AJST Datasheet HTML 13Page - Analog Devices AD9840AJST Datasheet HTML 14Page - Analog Devices AD9840AJST Datasheet HTML 15Page - Analog Devices AD9840AJST Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD9840A
–15–
REV. 0
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
37
48 47 46 45 44
39 38
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD9840A
36
35
34
33
32
31
30
29
28
27
26
25
AUX1IN
AVSS
AUX2IN
AVDD2
BYP4
NC
CCDIN
BYP2
BYP1
AVDD1
AVSS
AVSS
DRVSS
DRVSS
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
D8
(MSB) D9
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
3V
ANALOG
SUPPLY
CCD
SIGNAL
3V
ANALOG
SUPPLY
10
DATA
OUTPUTS
3
SERIAL
INTERFACE
0.1 F
1.0 F
1.0 F
0.1 F
3V
ANALOG SUPPLY
6
CLOCK
INPUTS
0.1 F
0.1 F
3V
ANALOG SUPPLY
3V
DRIVER
SUPPLY
NC = NO CONNECT
Figure 17. Recommended Circuit Configuration for CCD-Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com