Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9842A Datasheet(PDF) 21 Page - Analog Devices

Part # AD9842A
Description  Complete 20 MSPS CCD Signal Processors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9842A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9842A Datasheet HTML 15Page - Analog Devices AD9842A Datasheet HTML 16Page - Analog Devices AD9842A Datasheet HTML 17Page - Analog Devices AD9842A Datasheet HTML 18Page - Analog Devices AD9842A Datasheet HTML 19Page - Analog Devices AD9842A Datasheet HTML 20Page - Analog Devices AD9842A Datasheet HTML 21Page - Analog Devices AD9842A Datasheet HTML 22Page - Analog Devices AD9842A Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
REV. 0
AD9841A/AD9842A
–21–
CCD
CCDIN
BUFFER
VOUT
0.1 F
AD984xA
ADCOUT
REGISTER
DATA
SERIAL
INTERFACE
DIGITAL
OUTPUTS
DIGITAL IMAGE
PROCESSING
ASIC
TIMING
GENERATOR
V-DRIVE
CCD
TIMING
CDS/CLAMP
TIMING
Figure 32. AD984xA System Applications Diagram
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
37
48 47 46 45 44
39 38
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AUX1IN
AVSS
AUX2IN
AVDD2
BYP4
NC
CCDIN
BYP2
BYP1
AVDD1
AVSS
AVSS
NC
NC
(LSB) D0
D1
D2
D3
D4
D5
D6
D7
D8
(MSB) D9
AD9841A
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
3V
ANALOG SUPPLY
CCD SIGNAL
3V
ANALOG SUPPLY
10
DATA
OUTPUTS
3
SERIAL
INTERFACE
0.1 F
1.0 F
1.0 F
0.1 F
3V
ANALOG SUPPLY
8
CLOCK
INPUTS
0.1 F
0.1 F
3V
ANALOG SUPPLY
3V
DRIVER
SUPPLY
NC = NO CONNECT
Figure 33. AD9841A Recommended Circuit Configuration for CCD-Mode
APPLICATIONS INFORMATION
The AD9841A and AD9842A are complete Analog Front End
(AFE) products for digital still camera and camcorder appli-
cations. As shown in Figure 32, the CCD image (pixel) data is
buffered and sent to the AD984xA analog input through a series
input capacitor. The AD984xA performs the dc restoration,
CDS, gain adjustment, black level correction, and analog-to-
digital conversion. The AD984xA’s digital output data is then
processed by the image processing ASIC. The internal regis-
ters of the AD984xA—used to control gain, offset level, and other
functions—are programmed by the ASIC or microprocessor
through a 3-wire serial digital interface. A system timing gen-
erator provides the clock signals for both the CCD and the AFE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com