Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9850 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9850
Description  CMOS, 125 MHz Complete DDS Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9850 Datasheet(HTML) 2 Page - Analog Devices

  AD9850 Datasheet HTML 1Page - Analog Devices AD9850 Datasheet HTML 2Page - Analog Devices AD9850 Datasheet HTML 3Page - Analog Devices AD9850 Datasheet HTML 4Page - Analog Devices AD9850 Datasheet HTML 5Page - Analog Devices AD9850 Datasheet HTML 6Page - Analog Devices AD9850 Datasheet HTML 7Page - Analog Devices AD9850 Datasheet HTML 8Page - Analog Devices AD9850 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AD9850BRS
Parameter
Temp
Test Level
Min
Typ
Max
Units
CLOCK INPUT CHARACTERISTICS
Frequency Range
+5 V Supply
Full
IV
1
125
MHz
+3.3 V Supply
Full
IV
1
110
MHz
Pulsewidth High/Low
+5 V Supply
+25
°C
IV
3.2
ns
+3.3 V Supply
+25
°C
IV
4.1
ns
DAC OUTPUT CHARACTERISTICS
Full-Scale Output Current
RSET = 3.9 k
Ω
+25
°C
V
10.24
mA
RSET = 1.95 k
Ω
+25
°C
V
20.48
mA
Gain Error
+25
°C
I
–10
+10
% FS
Gain Temperature Coefficient
Full
V
150
ppm/
°C
Output Offset
+25
°CI
10
µA
Output Offset Temperature Coefficient
Full
V
50
nA/
°C
Differential Nonlinearity
+25
°C
I
0.5
0.75
LSB
Integral Nonlinearity
+25
°C
I
0.5
1
LSB
Output Slew Rate (50
Ω, 2 pF Load)
+25
°C
V
400
V/
µs
Output Impedance
+25
°C
IV
50
120
k
Ω
Output Capacitance
+25
°CIV
8
pF
Voltage Compliance
+25
°C
I
1.5
V
Spurious-Free Dynamic Range (SFDR):
Wideband (Nyquist Bandwidth)
1 MHz Analog Out
+25
°C
IV
63
72
dBc
20 MHz Analog Out
+25
°C
IV
50
58
dBc
40 MHz Analog Out
+25
°C
IV
46
54
dBc
Narrowband
40.13579 MHz
± 50 kHz
+25
°C
IV
80
dBc
40.13579 MHz
± 200 kHz
+25
°C
IV
77
dBc
4.513579 MHz
± 50 kHz/20.5 MHz CLK
+25
°C
IV
84
dBc
4.513579 MHz
± 200 kHz/20.5 MHz CLK
+25
°C
IV
84
dBc
COMPARATOR INPUT CHARACTERISTICS
Input Capacitance
+25
°CV
3
pF
Input Resistance
+25
°C
IV
500
k
Ω
Input Current
+25
°C
I
–12
+12
µA
Input Voltage Range
+25
°CIV
0
VDD
V
Comparator Offset*
Full
VI
30
30
mV
COMPARATOR OUTPUT CHARACTERISTICS
Logic “1” Voltage +5 V Supply
Full
VI
+4.8
V
Logic “1” Voltage +3.3 V Supply
Full
VI
+3.1
V
Logic “0” Voltage
Full
VI
+0.4
V
Propagation Delay, +5 V Supply (15 pF Load)
+25
°C
V
5.5
ns
Propagation Delay, +3.3 V Supply (15 pF Load)
+25
°CV
7
ns
Rise/Fall Time, +5 V Supply (15 pF Load)
+25
°CV
3
ns
Rise/Fall Time, +3.3 V Supply (15 pF Load)
+25
°C
V
3.5
ns
Output Jitter (p-p)
+25
°CV
80
ps
CLOCK OUTPUT CHARACTERISTICS
Clock Output Duty Cycle (Clk Gen. Config.)
+25
°C
IV
50
± 10
%
REV. E
–2–
(VS = +5 V
5% except as noted, RSET = 3.9 k )
AD9850–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com