Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9851 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9851 Datasheet HTML 15Page - Analog Devices AD9851 Datasheet HTML 16Page - Analog Devices AD9851 Datasheet HTML 17Page - Analog Devices AD9851 Datasheet HTML 18Page - Analog Devices AD9851 Datasheet HTML 19Page - Analog Devices AD9851 Datasheet HTML 20Page - Analog Devices AD9851 Datasheet HTML 21Page - Analog Devices AD9851 Datasheet HTML 22Page - Analog Devices AD9851 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AD9851
–21–
REV. C
1
Ch1 200mV
T
[]
Tek Run 4.00GS/s
Sample
: 280ps
@ : 2.668ns
M 12.5ns Ch 1
–200mV
D 200ps Runs After
Figure 34. Typical CMOS comparator p-p output jitter
with the AD9851 configured as a clock generator, DDS fOUT
= 70.1 MHz, VS = +5 V, system clock = 180 MHz, 70 MHz
LPF. Graph details the center portion of a rising edge with
scope in delayed trigger mode, 200 ps/div. Cursors show
280 ps p-p jitter.
FREQUENCY OFFSET – Hz
–145
100
1k
10k
100k
–135
–130
–125
–120
–115
–100
AD9851 PHASE NOISE
–140
Figure 35. Output Phase Noise (5.2 MHz AOUT), 6 × REFCLK
Multiplier Enabled, System Clock = 180 MHz, Reference
Clock = 30 MHz
FREQUENCY OFFSET – Hz
–155
100
1k
10k
100k
–145
–140
–135
–130
–125
–120
AD9851 RESIDUAL PHASE NOISE
–150
Figure 36. Output Residual Phase Noise (5.2 MHz AOUT),
6
× REFCLK Multiplier Disabled, System Clock = 180 MHz,
Reference Clock = 180 MHz
SYSTEM CLOCK FREQUENCY – MHz
45
10
20
40
60
80
100
120
140
160
180
50
55
60
65
70
75
VS = +3.3V
VS = +5V
FUNDAMENTAL OUTPUT =
SYSTEM CLOCK/3
Figure 37. Spurious-free dynamic range (SFDR) is gener-
ally a function of the DAC analog output frequency. Ana-
log output frequencies of 1/3 the system clock rate are
considered worst case. Plotted below are typical worst
case SFDR numbers for various system clock rates.
1
Ch1 100mV
T
[]
Tek Stop 2.50GS/s
22 Acgs
: 2.0ns
@ : 105.2ns
C1 Rise
2.03ns
M 20.0ns Ch 1
252mV
D 5.00ns Runs After
Figure 38. Comparator Rise Time, 15 pF Load
1
Ch1 100mV
T
[]
Tek Stop 2.50GS/s
2227 Acgs
: 2.3ns
@ : 103.6ns
C1 Fall
2.33ns
M 20.0ns Ch 1
252mV
D 5.00ns Runs After
Figure 39. Comparator Fall Time, 15 pF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com