Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852/PCB Datasheet(PDF) 42 Page - Analog Devices

Part # AD9852/PCB
Description  CMOS 300 MHz Complete-DDS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852/PCB Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9852/PCB Datasheet HTML 34Page - Analog Devices AD9852/PCB Datasheet HTML 35Page - Analog Devices AD9852/PCB Datasheet HTML 36Page - Analog Devices AD9852/PCB Datasheet HTML 37Page - Analog Devices AD9852/PCB Datasheet HTML 38Page - Analog Devices AD9852/PCB Datasheet HTML 39Page - Analog Devices AD9852/PCB Datasheet HTML 40Page - Analog Devices AD9852/PCB Datasheet HTML 41Page - Analog Devices AD9852/PCB Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
AD9852
–42–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
80-Lead LQFP_ED
(SQ-80)
61
60
1
80
20
41
21
40
TOP VIEW
(PINS DOWN)
PIN 1
0.630 (16.00) BSC SQ
0.551 (14.00) BSC SQ
1
20
21
41
40
60
80
61
BOTTOM VIEW
THERMAL
SLUG
0.394 (10.00)
REF SQ
SEATING
PLANE
0.063 (1.60)
MAX
0.004 (0.10)
MAX
COPLANARITY
0.006 (0.15)
0.002 (0.05)
0.030 (0.75)
0.024 (0.60)
0.018 (0.45)
0.0256 (0.65)
BSC
7
3.5
0
0.008 (0.20)
0.004 (0.09)
0.015 (0.38)
0.013 (0.32)
0.009 (0.22)
0.057 (1.45)
0.055 (1.40)
0.053 (1.35)
CONTROLLING DIMENSIONS IN MILLIMETERS.
CENTER FIGURES ARE NOMINAL UNLESS OTHERWISE NOTED.
80-Lead LQFP
(ST-80)
TOP VIEW
(PINS DOWN)
1
20
21
41
40
60
61
80
0.640 (16.25)
0.620 (15.75)
SQ
0.553 (14.05)
0.549 (13.95)
SQ
0.014 (0.35)
0.010 (0.25)
0.029 (0.73)
0.022 (0.57)
0.486
(12.35)
TYP
SQ
0.063 (1.60)
MAX
0.030 (0.75)
0.020 (0.50)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.004 (0.10)
MAX
0.057 (1.45)
0.053 (1.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com