Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9857
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9857 Datasheet HTML 9Page - Analog Devices AD9857 Datasheet HTML 10Page - Analog Devices AD9857 Datasheet HTML 11Page - Analog Devices AD9857 Datasheet HTML 12Page - Analog Devices AD9857 Datasheet HTML 13Page - Analog Devices AD9857 Datasheet HTML 14Page - Analog Devices AD9857 Datasheet HTML 15Page - Analog Devices AD9857 Datasheet HTML 16Page - Analog Devices AD9857 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AD9857
–13–
REV. 0
-
TDH
TDS
TDS
TDH
I0
TxENABLE
PDCLK
D<13:0>
QN
IN
Q1
I1
Q0
Figure 19. 14-Bit Parallel Port Timing Diagram—Quadrature Modulation Mode
TDH
IK–1
I1
TDS
TDS
TDH
I0
TxENABLE
PDCLK
D<13:0>
I2
I3
IK
TDS IS THE DATA SETUP TIME
TDH IS THE DATA HOLD TIME
Figure 20. 14-Bit Parallel Port Timing Diagram—Interpolating DAC Mode
(see the Profile section) to be transferred to the accumulator of
the DDS, thus starting the frequency synthesis process.
After loading the frequency tuning word to a profile, a FUD signal
is not needed when switching between profiles using the two profile
select pins (PS0, PS1). When switching between profiles, the fre-
quency tuning word in the profile register is becomes effective.
In the Quadrature Modulation mode the PDCLK rate is twice
the rate of the I (or Q) data rate. The AD9857 expects interleaved
I and Q data words at the parallel port with one word per PDCLK
rising edge. One I word and one Q word together comprise one
internal sample. Each sample is propagated along the internal
data pathway in parallel.
In the Interpolating DAC mode, however, the PDCLK rate is
the same as the “I” data rate since the “Q” data path is inactive.
In this mode, each PDCLK rising edge latches a data word into
the “I” data path.
The PDCLK is provided as a continuous clock (i.e., always
active). However, the assertion of PDCLK may be optionally
qualified internally by the PLL Lock Indicator if the user elects to
set the PLL Lock Control bit in the appropriate Control Register.
Data supplied by the user to the 14-bit Parallel Port is latched
into the device coincident with the rising edge of the PDCLK.
In the Quadrature Modulation Mode the rising edge of the
TxENABLE signal is used to synchronize the device. While
TxENABLE is in the Logic 0 state, the device ignores the 14-bit
data applied to the parallel port and allows the internal data path to
be flushed by forcing 0s down the I and Q data pathway. On the
rising edge of TxENABLE the device is ready for the first “I”
word. The first “I” word is latched into the device coincident with
the rising edge of PDCLK. The next rising edge of PDCLK
latches in a “Q” word, etc., until TxENABLE is set to a Logic 0
state by the user.
When in the Quadrature Modulation Mode it is important that
the user ensure that an even number of PDCLK intervals are
observed during any given TxENABLE period. This is because
the device must capture both an I and a Q value before the data
can be processed along the internal data pathway.
The timing relationship between TxENABLE, PDCLK, and
DATA is shown in Figures 19 and 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com